Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH Datasheet(PDF) 4 Page - IDEC Corporation

Part # RH
Description  RH Series Compact Power Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RH Datasheet(HTML) 4 Page - IDEC Corporation

  RH Datasheet HTML 1Page - IDEC Corporation RH Datasheet HTML 2Page - IDEC Corporation RH Datasheet HTML 3Page - IDEC Corporation RH Datasheet HTML 4Page - IDEC Corporation RH Datasheet HTML 5Page - IDEC Corporation RH Datasheet HTML 6Page - IDEC Corporation RH Datasheet HTML 7Page - IDEC Corporation RH Datasheet HTML 8Page - IDEC Corporation RH Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RH
Relays & Sockets
876
www.IDEC.com
1705151135
Specifications
Contact Material
Silver cadmium oxide
Contact Resistance 1
50mΩ maximum
Minimum Applicable Load
24V DC, 30 mA; 5V DC, 100 mA (reference value)
Operating Time 2
SPDT
DPDT
20ms maximum
3PDT
4PDT
25ms maximum
Release Time 2
SPDT
DPDT
20ms maximum
3PDT
4PDT
25ms maximum
Power Consumption
(approx.)
SPDT
AC: 1.1VA (50Hz), 1VA (60Hz)
DC: 0.8W
DPDT
AC: 1.4VA (50Hz), 1.2VA (60Hz)
DC: 0.9W
3PDT
AC: 2VA (50Hz), 1.7VA (60Hz)
DC: 1.5W
4PDT
AC: 2.5VA (50Hz), 2VA (60Hz)
DC: 1.5W
Insulation Resistance
100MΩ minimum (500V DC megger)
Dielectric Strength 3
SPDT
Between live and dead parts:
2,000V AC, 1 minute
Between contact and coil:
2,000V AC, 1 minute
Between contacts of the same pole: 1,000V AC, 1 minute
DPDT
3PDT
4PDT
Between live and dead parts:
2,000V AC, 1 minute
Between contact and coil:
2,000V AC, 1 minute
Between contacts of different poles: 2,000V AC, 1 minute
Between contacts of the same pole: 1,000V AC, 1 minute
Operating Frequency
Electrical:
1,800 operations/hour maximum
Mechanical:
18,000 operations/hour maximum
Vibration Resistance
Damage limits:
10 to 55Hz, amplitude 0.5 mm
Operating extremes:
10 to 55Hz, amplitude 0.5 mm
Shock Resistance
Damage limits:
1,000m/s2 (100G)
Operating extremes:
200m/s2 (20G - SPDT, DPDT)
100m/s2 (10G - 3PDT, 4PDT)
Mechanical Life
50,000,000 operations minimum
Electrical Life
DPDT
500,000 operations minimum (120V AC, 10A)
SPDT
3PDT
4PDT
200,000 operations minimum (120V AC, 10A)
Operating
Temperature 4
SPDT
DPDT
3PDT
4PDT
–25 to +70°C (no freezing)
Operating Humidity
45 to 85% RH (no condensation)
Weight (approx.)
SPDT: 24g, DPDT: 37g, 3PDT: 50g, 4PDT: 74g
Note: Above values are initial values.
1. Measured using 5V DC, 1A voltage drop method
2. Measured at the rated voltage (at 20°C), excluding contact bouncing
Release time of relays with diode: 40 ms maximum
3. Relays with indicator or diode: 1000V AC, 1 minute
4. For use under different temperature conditions, refer to Continuous Load Current vs. Operating Temperature Curve. The operating
temperature range of relays with indicator or diode is –25 to +40°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com