Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH Datasheet(PDF) 5 Page - IDEC Corporation

Part # RH
Description  RH Series Compact Power Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RH Datasheet(HTML) 5 Page - IDEC Corporation

  RH Datasheet HTML 1Page - IDEC Corporation RH Datasheet HTML 2Page - IDEC Corporation RH Datasheet HTML 3Page - IDEC Corporation RH Datasheet HTML 4Page - IDEC Corporation RH Datasheet HTML 5Page - IDEC Corporation RH Datasheet HTML 6Page - IDEC Corporation RH Datasheet HTML 7Page - IDEC Corporation RH Datasheet HTML 8Page - IDEC Corporation RH Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
877
800-262-IDEC (4332) • USA & Canada
RH
Relays & Sockets
1705151135
Characteristics (Reference Data)
Electrical Life Curves
AC Load
DC Load
13
57
9
2468
10
50
20
10
100
500
1000
Load Current (A)
120V AC resistive
240V AC inductive
120V AC inductive
240V AC resistive
(RH1)
13
57
9
2468
10
50
20
10
100
500
1000
Load Current (A)
30V DC resistive
100V DC inductive
30V DC inductive
100V DC resistive
(RH1)
1
357
9
2
468
10
50
20
10
100
500
1000
Load Current (A)
120V AC resistive
240V AC inductive
120V AC inductive
240V AC resistive
(RH2)
13
57
9
2468
10
50
20
10
100
500
1000
Load Current (A)
30V DC resistive
100V DC inductive
30V DC
inductive
100V DC resistive
(RH2)
13
57
9
2
468
10
50
20
10
100
500
1000
Load Current (A)
120V AC resistive
240V AC inductive
120V AC inductive
240V AC resistive
(RH3/RH4)
13
579
2
468
10
50
20
10
100
500
1000
Load Current (A)
30V DC resistive
100V DC inductive
30V DC inductive
100V DC resistive
(RH3/RH4)
Maximum Switching Capacity
15
0.5
1.0
5.0
10.0
10
100
200 300
50
0.1
Load Voltage (V)
DC inductive
DC resistive
AC inductive
AC resistive
(RH1)
15
0.5
1.0
5.0
10.0
10
100
200 300
50
0.1
DC inductive
DC resistive
AC resistive
AC inductive
Load Voltage (V)
(RH2/RH3/RH4)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com