Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH Datasheet(PDF) 7 Page - IDEC Corporation

Part # RH
Description  RH Series Compact Power Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RH Datasheet(HTML) 7 Page - IDEC Corporation

Back Button RH Datasheet HTML 2Page - IDEC Corporation RH Datasheet HTML 3Page - IDEC Corporation RH Datasheet HTML 4Page - IDEC Corporation RH Datasheet HTML 5Page - IDEC Corporation RH Datasheet HTML 6Page - IDEC Corporation RH Datasheet HTML 7Page - IDEC Corporation RH Datasheet HTML 8Page - IDEC Corporation RH Datasheet HTML 9Page - IDEC Corporation RH Datasheet HTML 10Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
879
800-262-IDEC (4332) • USA & Canada
RH
Relays & Sockets
1705151135
With Indicator LED & Diode (-LD type)
SPDT
3PDT
4PDT
DPDT
Below
100V DC
1
5
13
14
9
(–)
(+)
Below
24V AC/
DC
1
5
13
14
9
4
8
12
(–)
(+)
Contains an LED indicator and
a surge absorber, and has the
same height as the basic type.
LED color of DPDT model is
green.
100V DC
and over
1
5
13
14
9
(–)
(+)
24V AC/
DC and
over
1
5
13
14
9
4
8
12
(–)
(+)
Dimensions (mm)
RH1B-U/RH1B-UL/RH1B-UD/RH1B-ULD
RH2B-U/RH2B-UL/RH2B-UD/RH2B-ULD
RH3B-U/RH3B-UL/RH3B-UD/RH3B-ULD
13
1
5
9
14
6.4
5.4
14
SH1B-05: 61.5 (63.5) max., SH1B-51: 39.6 (41.6) max.
35.6 max.
Total length from panel surface including relay socket
Dimensions in the ( )
include a hold-down spring.
ø2.6 hole
14
58
912
13
14
6.4
21
SH2B-05: 61.5 (63.5) max., SH2B-51: 39.6 (41.6) max.
35.6 max.
Total length from panel surface including relay socket
Dimensions in the ( )
include a hold-down spring.
ø2.6 hole
13
14
1
2
4
8
6
5
9
10
11
6.4
31
SH3B-05: 61.5 (63.5) max., SH3B-51: 39.6 (41.6) max.
35.6 max.
Total length from panel surface including relay socket
Dimensions in the ( )
include a hold-down spring.
ø2.6 hole
RH4B-U/RH4B-UL/RH4B-UD/RH4B-ULD
RH1B-UT
RH2B-UT
1234
78
6
5
9101112
13
14
6.4
41
SH4B-05: 61.5 (63.5) max., SH4B-51: 39.6 (41.6) max.
35.6 max.
Total length from panel surface including relay socket
Dimensions in the ( )
include a hold-down spring.
ø2.6 hole
ø2.6 hole
13
1
5
9
14
3.5
14.5
35.6 max.
6.4
5.4
2
ø2.6 hole
1
4
5
8
9
12
13
14
3.5
21.5
2
35.6 max.
6.4
RH3B-UT
RH4B-UT
ø2.6 hole
13
14
1
2
4
8
6
5
9
10
12
21.5
31.5
35.6 max.
6.4
3.5
2
ø2.6 hole
2
35.6 max.
6.4
42 max.
13
12
14
1
2
3
4
7
8
6
5
9
10
11
28
41.5
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com