Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH Datasheet(PDF) 3 Page - IDEC Corporation

Part # RH
Description  RH Series Compact Power Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RH Datasheet(HTML) 3 Page - IDEC Corporation

  RH Datasheet HTML 1Page - IDEC Corporation RH Datasheet HTML 2Page - IDEC Corporation RH Datasheet HTML 3Page - IDEC Corporation RH Datasheet HTML 4Page - IDEC Corporation RH Datasheet HTML 5Page - IDEC Corporation RH Datasheet HTML 6Page - IDEC Corporation RH Datasheet HTML 7Page - IDEC Corporation RH Datasheet HTML 8Page - IDEC Corporation RH Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
875
800-262-IDEC (4332) • USA & Canada
RH
Relays & Sockets
1705151135
Contact Ratings
Maximum Contact Capacity
Model Continuous
Current
Allowable Contact Power
Rated Load
Resistive
Load
Inductive
Load
Voltage
(V)
Res.
Load
Ind.
Load
SPDT
10A
1540VA
300W
990VA
210W
110 AC
10A
7A
220 AC
7A
4.5A
30 DC
10A
7A
DPDT
3PDT
4PDT
10A
1650VA
300W
1100VA
225W
110 AC
10A
7.5A
220 AC
7.5A
5A
30 DC
10A
7.5A
Note: Inductive load for the rated load — cos ø = 0.3, L/R = 7 ms
TÜV Ratings
Voltage
RH1
RH2
RH3
RH4
240V AC
10A
10A
7.5A
7.5A
30V DC
10A
10A
10A
10A
AC: cos ø = 1.0, DC: L/R = 0 ms
UL Ratings
Voltage
Resistive
General Use
Horsepower Rating
RH1
RH2
RH3
RH4
RH1
RH2
RH3
RH4
RH1
RH2
RH3
RH4
240V AC
10A
7.5A
7.5A
7A
6.5A
5A
1/3 HP 1/3 HP
—
120V AC
—
10A
10A
—
7.5A
7.5A 1/6 HP 1/6 HP
—
30V DC
10A
10A
—
7A
—
—
—
—
—
28V DC
—
—
10A
—
—
—
—
—
—
CSA Ratings
Voltage
Resistive
General Use
Horse-
power
Rating
RH1
RH2
RH3
RH4
RH1
RH2
RH3
RH4
RH1, 2, 3
240V AC
10A
10A
—
7.5A
7A
7A
7A
5A
1/3 HP
120V AC
10A
10A
10A
10A
7.5A
7.5A
—
7.5A
1/6 HP
30V DC
10A
10A
10A
10A
7A
7.5A
—
—
—
Socket Specifications
Sockets
Terminal
Electrical Rating
Wire Size
Torque
DIN Rail
Mount
Sockets
SH1B-05
(Coil) M3 screws
(contact) M3.5 screws with captive wire clamp
250V, 10A
Maximum up to 2–#12AWG
5.5 - 9 in•lbs
9 - 11.5 in•lbs
SH2B-05
SH3B-05
SH4B-05
M3.5 screws with captive wire clamp
300V, 10A
Maximum up to 2–#12AWG
9 - 11.5 in•lbs
Finger-safe
DIN Rail
Mount
SH1B-05C
(coil) M3 screws
(contact) M3.5 screws with captive wire clamp, fingersafe 250V, 10A
Maximum up to 2–#12AWG
5.5 - 9 in•lbs
9 - 11.5 in•lbs
SH2B-05C
SH3B-05C
SH4B-05C
M3.5 screws with captive wire clamp, fingersafe
300V, 10A
Maximum up to 2–#12AWG
9 - 11.5 in•lbs
Through
Panel
Mount
Socket
SH1B-51
SH2B-51
SH3B-51
SH4B-51
Solder
300V, 10A
—
—
PCB Mount
Socket
SH1B-62
PCB mount
250V, 10A
—
—
SH2B-62
SH3B-62
SH4B-62
PCB mount
300V, 10A
—
—
Accessories
Item
Appearance
Use with
Part No.
Remarks
Aluminum
DIN Rail
(1 meter length)
All DIN rail sockets
BNDN1000
The BNDN1000 is designed to accommodate DIN mount sockets.
Made of durable extruded aluminum, the BNDN1000 measures 0.413
(10.5mm) in height and 1.37 (35mm) in width (DIN standard). Standard
length is 39” (1,000mm).
DIN Rail End
Stop
DIN rail
BNL5
9.1 mm wide.
Replacement
Hold-Down
Spring Anchor
DIN mount sockets and hold
down springs.
Y778-011
For use on DIN rail mount socket when using pullover wire hold down
spring. 2 pieces included with each socket.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com