Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH Datasheet(PDF) 1 Page - IDEC Corporation

Part # RH
Description  RH Series Compact Power Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RH Datasheet(HTML) 1 Page - IDEC Corporation

  RH Datasheet HTML 1Page - IDEC Corporation RH Datasheet HTML 2Page - IDEC Corporation RH Datasheet HTML 3Page - IDEC Corporation RH Datasheet HTML 4Page - IDEC Corporation RH Datasheet HTML 5Page - IDEC Corporation RH Datasheet HTML 6Page - IDEC Corporation RH Datasheet HTML 7Page - IDEC Corporation RH Datasheet HTML 8Page - IDEC Corporation RH Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
873
800-262-IDEC (4332) • USA & Canada
RH
Relays & Sockets
1705151135
RH Series Compact Power Relays
Key features
• SPDT through 4PDT, 10A contacts
• Compact power type relays
• Miniature power relays with a large capacity
• 10A contact capacity
• Compact size saves space
Part Number Selection
Part Number
Contact
Model
Blade
Terminal
PCB Terminal
Coil Voltage Code
(Standard Stock in bold)
SPDT
Standard
RH1B-U 0
RH1V2-U 0
AC6V, AC12V, AC24V, AC110V, AC120V,
AC220V, AC240V DC6V, DC12V, DC24V,
DC48V, DC110V
With Indicator
RH1B-UL 0
—
With Check Button
RH1B-UC 0
—
With Indicator and Check Button
RH1B-ULC 0
—
Top Bracket Mounting
RH1B-UT 0
—
With Diode (DC coil only)
RH1B-UD 0
RH1V2-UD 0
DC6V, DC12V, DC24V, DC48V, DC110V
With Indicator and Diode (DC coil only)
RH1B-ULD 0
—
DC12V, DC24V, DC48V, DC110V
DPDT
Standard
RH2B-U 0
RH2V2-U 0
AC6V, AC12V, AC24V, AC110-120V,
AC220-240V
DC6V, DC12V, DC24V, DC48V, DC100-110V
With Indicator
RH2B-UL 0
RH2V2-UL 0
With Check Button
RH2B-UC 0
—
With Indicator and Check Button
RH2B-ULC 0
—
Top Bracket Mounting
RH2B-UT 0
—
With Diode (DC coil only)
RH2B-UD 0
RH2V2-UD 0
DC6V, DC12V, DC24V, DC48V, DC100-110V
With Indicator and Diode (DC coil only)
RH2B-ULD 0
RH2V2-ULD 0
3PDT
Standard
RH3B-U 0
RH3V2-U 0
AC6V, AC12V, AC24V, AC110V, AC120V,
AC220V, AC240V DC6V, DC12V, DC24V,
DC48V, DC110V
With Indicator
RH3B-UL 0
RH3V2-UL 0
With Check Button
RH3B-UC 0
—
With Indicator and Check Button
RH3B-ULC 0
—
Top Bracket Mounting
RH3B-UT 0
—
With Diode (DC coil only)
RH3B-UD 0
—
DC6V, DC12V, DC24V, DC48V, DC110V
With Indicator and Diode (DC coil only)
RH3B-ULD 0
—
4PDT
Standard
RH4B-U 0
RH4V2-U 0
AC6V, AC12V, AC24V, AC110V, AC120V,
AC220V, AC240V DC6V, DC12V, DC24V, DC48V,
DC110V
With Indicator
RH4B-UL 0
RH4V2-UL 0
With Check Button
RH4B-UC 0
—
With Indicator and Check Button
RH4B-ULC 0
—
Top Bracket Mounting
RH4B-UT 0
—
With Diode (DC coil only)
RH4B-UD 0
RH4V2-UD 0
DC6V, DC12V, DC24V, DC48V, DC110V
With Indicator and Diode (DC coil only)
RH4B-ULD 0
—
PCB terminal relays are designed to mount directly to a circuit board without any socket.
Ordering Information
When ordering, specify the Part No. and coil voltage code:
(example) RH3B-U
AC120V
Part No.
Coil Voltage Code


Similar Description - RH

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP15RH-060 FUJI-6MBP15RH-060 Datasheet
169Kb / 4P
Intelligent Power Module ( RH-Series )
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
JC2AF-DC24V PANASONIC-JC2AF-DC24V Datasheet
168Kb / 5P
COMPACT POWER RELAYS
logo
List of Unclassifed Man...
RH4B-ULDC24V ETC2-RH4B-ULDC24V Datasheet
176Kb / 6P
RH Series - General Purpose Midget Relays
logo
TE Connectivity Ltd
FC-325 TEC-FC-325 Datasheet
1,004Kb / 6P
Compact, Hermetically Sealed, Non-Latching Relays
T9S TEC-T9S Datasheet
290Kb / 2P
General Purpose Relays Power Relays
logo
Adels-Contact
729002 ADELS-729002 Datasheet
115Kb / 1P
DR 14 RH
7290113 ADELS-7290113 Datasheet
120Kb / 1P
DR 16 RH
logo
Omron Electronics LLC
LY OMRON-LY_V01 Datasheet
9Mb / 22P
Power-switching Compact General-purpose Relays
2021.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com