Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94021 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94021
Description  Multi-Gain Analog Temperature Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94021 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM94021 Datasheet HTML 1Page - National Semiconductor (TI) LM94021 Datasheet HTML 2Page - National Semiconductor (TI) LM94021 Datasheet HTML 3Page - National Semiconductor (TI) LM94021 Datasheet HTML 4Page - National Semiconductor (TI) LM94021 Datasheet HTML 5Page - National Semiconductor (TI) LM94021 Datasheet HTML 6Page - National Semiconductor (TI) LM94021 Datasheet HTML 7Page - National Semiconductor (TI) LM94021 Datasheet HTML 8Page - National Semiconductor (TI) LM94021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Typical Application
Full-Range Celsius Temperature Sensor (−50˚C to +150˚C)
Operating from a Single Battery Cell
20108602
Ordering Information
Order
Temperature
NS Package
Device
Number
Accuracy
Number
Marking
Transport Media
LM94021BIMG
±1.5˚C to ±2.7˚C
MAA05A
21B
3000 Units on Tape and Reel
LM94021BIMGX
±1.5˚C to ±2.7˚C
MAA05A
21B
9000 Units on Tape and Reel
Pin Descriptions
Label
Pin
Number
Type
Equivalent Circuit
Function
GS1
5
Logic
Input
Gain Select 1 - One of two inputs for selecting
the slope of the output response
GS0
1
Logic
Input
Gain Select 0 - One of two inputs for selecting
the slope of the output response
OUT
3
Analog
Output
Outputs a voltage which is inversely
proportional to temperature
V
DD
4
Power
Positive Supply Voltage
GND
2
Ground
Power Supply Ground
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com