Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94021 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94021
Description  Multi-Gain Analog Temperature Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94021 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM94021 Datasheet HTML 3Page - National Semiconductor (TI) LM94021 Datasheet HTML 4Page - National Semiconductor (TI) LM94021 Datasheet HTML 5Page - National Semiconductor (TI) LM94021 Datasheet HTML 6Page - National Semiconductor (TI) LM94021 Datasheet HTML 7Page - National Semiconductor (TI) LM94021 Datasheet HTML 8Page - National Semiconductor (TI) LM94021 Datasheet HTML 9Page - National Semiconductor (TI) LM94021 Datasheet HTML 10Page - National Semiconductor (TI) LM94021 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
1.0 LM94021 Transfer Function
The LM94021 has four selectable gains, each of which can
be selected by the GS1 and GS0 input pins. The output
voltage for each gain, across the complete operating tem-
perature range is shown in the LM94021 Transfer Table,
below. This table is the reference from which the LM94021
accuracy specifications (listed in the Electrical Characteris-
tics section) are determined. This table can be used, for
example, in a host processor look-up table. A file containing
this data is available for download at www.national.com/
appinfo/tempsensors.
LM94021 Transfer Table
The output voltages in this table apply for V
DD = 5V.
Temperature
(˚C)
GS=00
(mV)
GS=01
(mV)
GS=10
(mV)
GS=11
(mV)
-50
1299
1955
2616
3277
-49
1294
1949
2607
3266
-48
1289
1942
2598
3254
-47
1284
1935
2589
3243
-46
1278
1928
2580
3232
-45
1273
1921
2571
3221
-44
1268
1915
2562
3210
-43
1263
1908
2553
3199
-42
1257
1900
2543
3186
-41
1252
1892
2533
3173
-40
1247
1885
2522
3160
-39
1242
1877
2512
3147
-38
1236
1869
2501
3134
-37
1231
1861
2491
3121
-36
1226
1853
2481
3108
-35
1221
1845
2470
3095
-34
1215
1838
2460
3082
-33
1210
1830
2449
3069
-32
1205
1822
2439
3056
-31
1200
1814
2429
3043
-30
1194
1806
2418
3030
-29
1189
1798
2408
3017
-28
1184
1790
2397
3004
-27
1178
1783
2387
2991
-26
1173
1775
2376
2978
-25
1168
1767
2366
2965
-24
1162
1759
2355
2952
-23
1157
1751
2345
2938
-22
1152
1743
2334
2925
-21
1146
1735
2324
2912
-20
1141
1727
2313
2899
-19
1136
1719
2302
2886
-18
1130
1711
2292
2873
-17
1125
1703
2281
2859
-16
1120
1695
2271
2846
-15
1114
1687
2260
2833
-14
1109
1679
2250
2820
The output voltages in this table apply for V
DD = 5V.
Temperature
(˚C)
GS=00
(mV)
GS=01
(mV)
GS=10
(mV)
GS=11
(mV)
-13
1104
1671
2239
2807
-12
1098
1663
2228
2793
-11
1093
1656
2218
2780
-10
1088
1648
2207
2767
-9
1082
1639
2197
2754
-8
1077
1631
2186
2740
-7
1072
1623
2175
2727
-6
1066
1615
2164
2714
-5
1061
1607
2154
2700
-4
1055
1599
2143
2687
-3
1050
1591
2132
2674
-2
1044
1583
2122
2660
-1
1039
1575
2111
2647
0
1034
1567
2100
2633
1
1028
1559
2089
2620
2
1023
1551
2079
2607
3
1017
1543
2068
2593
4
1012
1535
2057
2580
5
1007
1527
2047
2567
6
1001
1519
2036
2553
7
996
1511
2025
2540
8
990
1502
2014
2527
9
985
1494
2004
2513
10
980
1486
1993
2500
11
974
1478
1982
2486
12
969
1470
1971
2473
13
963
1462
1961
2459
14
958
1454
1950
2446
15
952
1446
1939
2433
16
947
1438
1928
2419
17
941
1430
1918
2406
18
936
1421
1907
2392
19
931
1413
1896
2379
20
925
1405
1885
2365
21
920
1397
1874
2352
22
914
1389
1864
2338
23
909
1381
1853
2325
24
903
1373
1842
2311
25
898
1365
1831
2298
26
892
1356
1820
2285
27
887
1348
1810
2271
28
882
1340
1799
2258
29
876
1332
1788
2244
30
871
1324
1777
2231
31
865
1316
1766
2217
32
860
1308
1756
2204
33
854
1299
1745
2190
34
849
1291
1734
2176
35
843
1283
1723
2163
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com