Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94021 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94021
Description  Multi-Gain Analog Temperature Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94021 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM94021 Datasheet HTML 5Page - National Semiconductor (TI) LM94021 Datasheet HTML 6Page - National Semiconductor (TI) LM94021 Datasheet HTML 7Page - National Semiconductor (TI) LM94021 Datasheet HTML 8Page - National Semiconductor (TI) LM94021 Datasheet HTML 9Page - National Semiconductor (TI) LM94021 Datasheet HTML 10Page - National Semiconductor (TI) LM94021 Datasheet HTML 11Page - National Semiconductor (TI) LM94021 Datasheet HTML 12Page - National Semiconductor (TI) LM94021 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
7.0 Applications Circuits
20108618
FIGURE 4. Celsius Thermostat
20108619
FIGURE 5. Conserving Power Dissipation with Shutdown
20108628
Most CMOS ADCs found in microcontrollers and ASICs have a sampled data comparator input structure. When the ADC charges
the sampling cap, it requires instantaneous charge from the output of the analog source such as the LM94021 temperature
sensor and many op amps. This requirement is easily accommodated by the addition of a capacitor (C
FILTER). The size of CFILTER
depends on the size of the sampling capacitor and the sampling frequency. Since not all ADCs have identical input stages, the
charge requirements will vary. This general ADC application is shown as an example only.
FIGURE 6. Suggested Connection to a Sampling Analog-to-Digital Converter Input Stage
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com