Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94021 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94021
Description  Multi-Gain Analog Temperature Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94021 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM94021 Datasheet HTML 4Page - National Semiconductor (TI) LM94021 Datasheet HTML 5Page - National Semiconductor (TI) LM94021 Datasheet HTML 6Page - National Semiconductor (TI) LM94021 Datasheet HTML 7Page - National Semiconductor (TI) LM94021 Datasheet HTML 8Page - National Semiconductor (TI) LM94021 Datasheet HTML 9Page - National Semiconductor (TI) LM94021 Datasheet HTML 10Page - National Semiconductor (TI) LM94021 Datasheet HTML 11Page - National Semiconductor (TI) LM94021 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
1.0 LM94021 Transfer Function
(Continued)
LM94021 Transfer Table (Continued)
The output voltages in this table apply for V
DD = 5V.
Temperature
(˚C)
GS=00
(mV)
GS=01
(mV)
GS=10
(mV)
GS=11
(mV)
36
838
1275
1712
2149
37
832
1267
1701
2136
38
827
1258
1690
2122
39
821
1250
1679
2108
40
816
1242
1668
2095
41
810
1234
1657
2081
42
804
1225
1646
2067
43
799
1217
1635
2054
44
793
1209
1624
2040
45
788
1201
1613
2026
46
782
1192
1602
2012
47
777
1184
1591
1999
48
771
1176
1580
1985
49
766
1167
1569
1971
50
760
1159
1558
1958
51
754
1151
1547
1944
52
749
1143
1536
1930
53
743
1134
1525
1916
54
738
1126
1514
1902
55
732
1118
1503
1888
56
726
1109
1492
1875
57
721
1101
1481
1861
58
715
1093
1470
1847
59
710
1084
1459
1833
60
704
1076
1448
1819
61
698
1067
1436
1805
62
693
1059
1425
1791
63
687
1051
1414
1777
64
681
1042
1403
1763
65
676
1034
1391
1749
66
670
1025
1380
1735
67
664
1017
1369
1721
68
659
1008
1358
1707
69
653
1000
1346
1693
70
647
991
1335
1679
71
642
983
1324
1665
72
636
974
1313
1651
73
630
966
1301
1637
74
625
957
1290
1623
75
619
949
1279
1609
76
613
941
1268
1595
77
608
932
1257
1581
78
602
924
1245
1567
79
596
915
1234
1553
80
591
907
1223
1539
The output voltages in this table apply for V
DD = 5V.
Temperature
(˚C)
GS=00
(mV)
GS=01
(mV)
GS=10
(mV)
GS=11
(mV)
81
585
898
1212
1525
82
579
890
1201
1511
83
574
881
1189
1497
84
568
873
1178
1483
85
562
865
1167
1469
86
557
856
1155
1455
87
551
848
1144
1441
88
545
839
1133
1427
89
539
831
1122
1413
90
534
822
1110
1399
91
528
814
1099
1385
92
522
805
1088
1371
93
517
797
1076
1356
94
511
788
1065
1342
95
505
779
1054
1328
96
499
771
1042
1314
97
494
762
1031
1300
98
488
754
1020
1286
99
482
745
1008
1272
100
476
737
997
1257
101
471
728
986
1243
102
465
720
974
1229
103
459
711
963
1215
104
453
702
951
1201
105
448
694
940
1186
106
442
685
929
1172
107
436
677
917
1158
108
430
668
906
1144
109
425
660
895
1130
110
419
651
883
1115
111
413
642
872
1101
112
407
634
860
1087
113
401
625
849
1073
114
396
617
837
1058
115
390
608
826
1044
116
384
599
814
1030
117
378
591
803
1015
118
372
582
791
1001
119
367
573
780
987
120
361
565
769
973
121
355
556
757
958
122
349
547
745
944
123
343
539
734
929
124
337
530
722
915
125
332
521
711
901
126
326
513
699
886
127
320
504
688
872
128
314
495
676
858
129
308
487
665
843
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com