Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94021 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94021
Description  Multi-Gain Analog Temperature Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94021 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM94021 Datasheet HTML 1Page - National Semiconductor (TI) LM94021 Datasheet HTML 2Page - National Semiconductor (TI) LM94021 Datasheet HTML 3Page - National Semiconductor (TI) LM94021 Datasheet HTML 4Page - National Semiconductor (TI) LM94021 Datasheet HTML 5Page - National Semiconductor (TI) LM94021 Datasheet HTML 6Page - National Semiconductor (TI) LM94021 Datasheet HTML 7Page - National Semiconductor (TI) LM94021 Datasheet HTML 8Page - National Semiconductor (TI) LM94021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics
Unless otherwise noted, these specifications apply for +V
DD = +1.5V to +5.5V . Boldface limits apply for TA =TJ =TMIN to
T
MAX ; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 6)
Limits (Note 7)
Units
(Limit)
Sensor Gain
GS1 = 0, GS0 = 0
GS1=0,GS1=1
GS1=1,GS0=0
GS1=1,GS0=1
-5.5
-8.2
-10.9
-13.6
mV/˚C
mV/˚C
mV/˚C
mV/˚C
Load Regulation
(Note 10)
Source
≤ 2.0 µA (Note 11)
Sink
≤ 100 µA
Sink = 50 µA
0.4
-1
1.6
mV (max)
mV (max)
mV
Line Regulation (Note
14)
(V
DD -VOUT)
≥ 200 mV
200
µV/V
I
S
Supply Current
T
A = +30˚C to +150˚C
T
A = -50˚C to +150˚C
9
12
13
µA (max)
µA (max)
C
L
Output Load
Capacitance
1100
pF (max)
Power-on Time
(Note 12)
C
L=0pF
C
L=1100 pF
0.7
0.8
5
10
ms (max)
ms (max)
V
IH
GS1 and GS0 Input
Logic "1" Threshold
Voltage
V
DD- 0.5V
V (min)
V
IL
GS1 and GS0 Input
Logic "0" Threshold
Voltage
0.5
V (max)
I
IH
Logic "1" Input Current
(Note 13)
0.001
1
µA (max)
I
IL
Logic "0" Input Current
(Note 13)
0.001
1
µA (max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > V
+), the current at that pin should be limited to 5 mA.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Note 4: Reflow temperature profiles are different for lead-free and non-lead-free packages.
Note 5: The junction to ambient thermal resistance (
θJA) is specified without a heat sink in still air.
Note 6: Typicals are at TJ =TA = 25˚C and represent most likely parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Accuracy is defined as the error between the measured and reference output voltages, tabulated in the Transfer Table at the specified conditions of supply
gain setting, voltage, and temperature (expressed in ˚C). Accuracy limits include line regulation within the specified conditions. Accuracy limits do not include load
regulation; they assume no DC load.
Note 9: Changes in output due to self heating can be computed by multiplying the internal dissipation by the thermal resistance.
Note 10: Source currents are flowing out of the LM94021. Sink currents are flowing into the LM94021.
Note 11: Assumes (VDD -VOUT) ^ 200mV.
Note 12: Guaranteed by design.
Note 13: The input current is leakage only and is highest at high temperature. It is typically only 0.001µA. The 1µA limit is solely based on a testing limitation and
does not reflect the actual performance of the part.
Note 14: Line regulation is calculated by subtracting the output voltage at the highest supply voltage from the output voltage at the lowest supply voltage. The typical
line regulation specification does not include the output voltage shift discussed in Section 5.0.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com