Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94021 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94021
Description  Multi-Gain Analog Temperature Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94021 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM94021 Datasheet HTML 5Page - National Semiconductor (TI) LM94021 Datasheet HTML 6Page - National Semiconductor (TI) LM94021 Datasheet HTML 7Page - National Semiconductor (TI) LM94021 Datasheet HTML 8Page - National Semiconductor (TI) LM94021 Datasheet HTML 9Page - National Semiconductor (TI) LM94021 Datasheet HTML 10Page - National Semiconductor (TI) LM94021 Datasheet HTML 11Page - National Semiconductor (TI) LM94021 Datasheet HTML 12Page - National Semiconductor (TI) LM94021 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
1.0 LM94021 Transfer Function
(Continued)
LM94021 Transfer Table (Continued)
The output voltages in this table apply for V
DD = 5V.
Temperature
(˚C)
GS=00
(mV)
GS=01
(mV)
GS=10
(mV)
GS=11
(mV)
130
302
478
653
829
131
296
469
642
814
132
291
460
630
800
133
285
452
618
786
134
279
443
607
771
135
273
434
595
757
136
267
425
584
742
137
261
416
572
728
138
255
408
560
713
139
249
399
549
699
140
243
390
537
684
141
237
381
525
670
142
231
372
514
655
143
225
363
502
640
144
219
354
490
626
145
213
346
479
611
146
207
337
467
597
147
201
328
455
582
148
195
319
443
568
149
189
310
432
553
150
183
301
420
538
Although the LM94021 is very linear, its response does have
a slight downward parabolic shape. This shape is very ac-
curately reflected in the LM94021 Transfer Table. For a
linear approximation, a line can easily be calculated over the
desired temperature range from the Table using the two-
point equation:
Where V is in mV, T is in ˚C, T
1 and V1 are the coordinates
of the lowest temperature, T
2 and V2 are the coordinates of
the highest temperature.
For example, if we want to determine the equation of a line
with the Gain Setting at GS1 = 0 and GS0 = 0, over a
temperature range of 20˚C to 50˚C, we would proceed as
follows:
Using this method of linear approximation, the transfer func-
tion can be approximated for one or more temperature
ranges of interest.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com