Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94021 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94021
Description  Multi-Gain Analog Temperature Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94021 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM94021 Datasheet HTML 1Page - National Semiconductor (TI) LM94021 Datasheet HTML 2Page - National Semiconductor (TI) LM94021 Datasheet HTML 3Page - National Semiconductor (TI) LM94021 Datasheet HTML 4Page - National Semiconductor (TI) LM94021 Datasheet HTML 5Page - National Semiconductor (TI) LM94021 Datasheet HTML 6Page - National Semiconductor (TI) LM94021 Datasheet HTML 7Page - National Semiconductor (TI) LM94021 Datasheet HTML 8Page - National Semiconductor (TI) LM94021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
−0.2V to +6.0V
Voltage at Output Pin
−0.2V to (V
DD + 0.5V)
Output Current
±7mA
Voltage at GS0 and GS1 Input
Pins
−0.2V to +6.0V
Input Current at any pin (Note 2)
5 mA
Storage Temperature
−65˚C to +150˚C
Maximum Junction Temperature
(T
JMAX)
+150˚C
ESD Susceptibility (Note 3) :
Human Body Model
2500V
Machine Model
250V
Soldering process must comply with National’s
Reflow Temperature Profile specifications. Refer to
www.national.com/packaging. (Note 4)
Operating Ratings(Note 1)
Specified Temperature Range:
T
MIN
≤ T
A
≤ T
MAX
LM94021
−50˚C
≤ T
A
≤ +150˚C
Supply Voltage Range (V
DD)
+1.5 V to +5.5 V
Thermal Resistance (
θ
JA) (Note 5)
SC-70
415˚C/W
Accuracy Characteristics
These limits do not include DC load regulation. These stated accuracy limits are with reference to the values in the LM94021
Transfer Table.
Parameter
Conditions
Limits
(Note
7)
Units
(Limit)
Temperature
Error
(Note 8)
GS1=0
GS0=0
T
A = +20˚C to +40˚C; VDD = 1.5V to 5.5V
±1.5
˚C (max)
T
A = +0˚C to +70˚C; VDD = 1.5V to 5.5V
±1.8
˚C (max)
T
A = +0˚C to +90˚C; VDD = 1.5V to 5.5V
±2.1
˚C (max)
T
A = +0˚C to +120˚C; VDD = 1.5V to 5.5V
±2.4
˚C (max)
T
A = +0˚C to +150˚C; VDD = 1.5V to 5.5V
±2.7
˚C (max)
T
A = −50˚C to +0˚C; VDD = 1.6V to 5.5V
±1.8
˚C (max)
GS1=0
GS0=1
T
A = +20˚C to +40˚C; VDD = 1.8V to 5.5V
±1.5
˚C (max)
T
A = +0˚C to +70˚C; VDD = 1.9V to 5.5V
±1.8
˚C (max)
T
A = +0˚C to +90˚C; VDD = 1.9V to 5.5V
±2.1
˚C (max)
T
A = +0˚C to +120˚C; VDD = 1.9V to 5.5V
±2.4
˚C (max)
T
A = +0˚C to +150˚C; VDD = 1.9V to 5.5V
±2.7
˚C (max)
T
A = −50˚C to +0˚C; VDD = 2.3V to 5.5V
±1.8
˚C (max)
GS1=1
GS0=0
T
A = +20˚C to +40˚C; VDD = 2.2V to 5.5V
±1.5
˚C (max)
T
A = +0˚C to +70˚C; VDD = 2.4V to 5.5V
±1.8
˚C (max)
T
A = +0˚C to +90˚C; VDD = 2.4V to 5.5V
±2.1
˚C (max)
T
A = +0˚C to +120˚C; VDD = 2.4V to 5.5V
±2.4
˚C (max)
T
A = +0˚C to +150˚C; VDD = 2.4V to 5.5V
±2.7
˚C (max)
T
A = −50˚C to +0˚C; VDD = 3.0V to 5.5V
±1.8
˚C (max)
GS1=1
GS0=1
T
A = +20˚C to +40˚C; VDD = 2.7V to 5.5V
±1.5
˚C (max)
T
A = +0˚C to +70˚C; VDD = 3.0V to 5.5V
±1.8
˚C (max)
T
A = +0˚C to +90˚C; VDD = 3.0V to 5.5V
±2.1
˚C (max)
T
A = +0˚C to +120˚C; VDD = 3.0V to 5.5V
±2.4
˚C (max)
T
A = 0˚C to +150˚C; VDD = 3.0V to 5.5V
±2.7
˚C (max)
T
A = −50˚C to +0˚C; VDD = 3.6V to 5.5V
±1.8
˚C (max)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com