Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 281 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 281 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 276Page - Texas Instruments AM6548ACD Datasheet HTML 277Page - Texas Instruments AM6548ACD Datasheet HTML 278Page - Texas Instruments AM6548ACD Datasheet HTML 279Page - Texas Instruments AM6548ACD Datasheet HTML 280Page - Texas Instruments AM6548ACD Datasheet HTML 281Page - Texas Instruments AM6548ACD Datasheet HTML 282Page - Texas Instruments AM6548ACD Datasheet HTML 283Page - Texas Instruments AM6548ACD Datasheet HTML 284Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 281 / 284 page
background image
www.ti.com
PACKAGE OUTLINE
C
1.63 MAX
0.42
0.32
21.6
TYP
21.6
TYP
0.8
TYP
0.8 TYP
784X
0.57
0.47
B
23.1
22.9
A
23.1
22.9
(
17)
4X (R1)
(0.4)
(0.635)
(0.7) TYP
(0.7) TYP
4223579/B 01/2019
FCBGA - 1.63 mm max height
ACD0784A
BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.2 C
A
1
2
3
0.2
C A B
0.08
C
4 5 6 7 8 9 10 11 12 13
SYMM
SYMM
B
C
D
E
F
G
H
J
K
L
M
N
14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
AG
AH
SCALE 0.600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com