Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 283 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 283 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 276Page - Texas Instruments AM6548ACD Datasheet HTML 277Page - Texas Instruments AM6548ACD Datasheet HTML 278Page - Texas Instruments AM6548ACD Datasheet HTML 279Page - Texas Instruments AM6548ACD Datasheet HTML 280Page - Texas Instruments AM6548ACD Datasheet HTML 281Page - Texas Instruments AM6548ACD Datasheet HTML 282Page - Texas Instruments AM6548ACD Datasheet HTML 283Page - Texas Instruments AM6548ACD Datasheet HTML 284Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 283 / 284 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.8) TYP
(0.8) TYP
784X (
0.4)
4223579/B 01/2019
FCBGA - 1.63 mm max height
ACD0784A
BALL GRID ARRAY
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release.
SYMM
SYMM
SOLDER PASTE EXAMPLE
BASED ON 0.15 mm THICK STENCIL
SCALE: 4X
C
1
2 3
4
5
6
7
8
9
10 11 12 13
A
B
D
E
F
G
H
J
K
L
M
N
14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
AG
AH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com