Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 124 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 124 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 120Page - Texas Instruments AM6548ACD Datasheet HTML 121Page - Texas Instruments AM6548ACD Datasheet HTML 122Page - Texas Instruments AM6548ACD Datasheet HTML 123Page - Texas Instruments AM6548ACD Datasheet HTML 124Page - Texas Instruments AM6548ACD Datasheet HTML 125Page - Texas Instruments AM6548ACD Datasheet HTML 126Page - Texas Instruments AM6548ACD Datasheet HTML 127Page - Texas Instruments AM6548ACD Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 284 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2)
PARAMETERS
MIN
MAX UNIT
VDD_CORE
Supply voltage range for CORE domain
-0.3
1.3
V
VDD_MCU
Supply voltage range for R5F MCU domain
-0.3
1.3
V
VDD_MPU0
Supply voltage range for A53 MPU0 domain
-0.3
1.3
V
VDD_MPU1
Supply voltage range for A53 MPU1 domain
-0.3
1.3
V
VDD_WKUP0
Supply voltage range for WKUP domain
-0.3
1.3
V
VDD_WKUP1
Supply voltage range for WKUP domain
-0.3
1.3
V
VDD_DLL_MMC0
Supply voltage range for MMC0 DLL
-0.3
1.3
V
VDD_DLL_MMC1
Supply voltage range for MMC1 DLL
-0.3
1.3
V
VDDA_1P8_CSI0
Supply voltage range for CSI PHY, Analog, 1.8 V
-0.3
2.2
V
VDDA_1P8_OLDI0
Supply voltage range for OLDI, Analog, 1.8 V
-0.3
2.2
V
VDDA_1P8_SDIO
Supply voltage range for SDIO LDO, Analog, 1.8 V
-0.3
2.2
V
VDDA_1P8_SERDES0
Supply voltage range for USB, PCIE, Analog, 1.8 V
-0.3
2.2
V
VDDA_3P3_IOLDO_WKUP
Supply voltage range for WKUP IO Bias LDO, Analog,
3.3 V
-0.3
3.8
V
VDDA_3P3_IOLDO0
Supply voltage range for IO Bias LDO, Analog 3.3 V
-0.3
3.8
V
VDDA_3P3_IOLDO1
Supply voltage range for IO Bias LDO, Analog 3.3 V
-0.3
3.8
V
VDDA_3P3_SDIO
Supply voltage range for SDIO LDO, Analog, 3.3 V
-0.3
3.8
V
VDDA_3P3_USB
Supply voltage range for USBPHY, Analog, 3.3 V
-0.3
3.8
V
VDDA_ADC_MCU
Supply voltage range for ADC0, ADC1, Analog
-0.3
2.2
V
VDDA_PLL0_DDR
Supply voltage range for DDR DPLL, Analog
-0.3
2.2
V
VDDA_PLL1_DDR
Supply voltage range for DDR De-skew DPLL, Analog
-0.3
2.2
V
VDDA_LDO_WKUP
Supply voltage range for WKUP LDO, Analog
-0.3
2.2
V
VDDA_MCU
Supply voltage range for MCU SRAM LDO, MCU
DPLL, CPSW DPLL, Analog
-0.3
2.2
V
VDDA_PLL_CORE
Supply voltage range for CORE DPLL, PER1 DPLL,
Analog
-0.3
2.2
V
VDDA_PLL_DSS
Supply voltage range for DSS DPLL, Analog
-0.3
2.2
V
VDDA_PLL_MPU0
Supply voltage range for MPU0 DPLL, Analog
-0.3
2.2
V
VDDA_PLL_MPU1
Supply voltage range for MPU1 DPLL, Analog
-0.3
2.2
V
VDDA_PLL_PER0
Supply voltage range for PER0 DPLL, Analog
-0.3
2.2
V
VDDA_POR_WKUP
Supply voltage range for WKUP POR, Analog
-0.3
2.2
V
VDDA_SRAM_CORE0
Supply voltage range for CORE SRAM LDOs, Analog
-0.3
2.2
V
VDDA_SRAM_CORE1
Supply voltage range for CORE SRAM LDOs, Analog
-0.3
2.2
V
VDDA_SRAM_MPU0
Supply voltage range for MPU SRAM LDOs, Analog
-0.3
2.2
V
VDDA_SRAM_MPU1
Supply voltage range for MPU SRAM LDOs, Analog
-0.3
2.2
V
VDDA_WKUP
Supply voltage range for WKUP OSC, SRAM LDO,
Analog
-0.3
2.2
V
VDDS_DDR
Supply voltage range for DDR IO domain
-0.3
2.2
V
VDDS_OSC1
Supply voltage range for CORE HFOSC, Analog
-0.3
2.2
V
VDDS0
Supply voltage range for VDDSHV0 IO bias
-0.3
2.2
V
VDDS0_WKUP
Supply voltage range for VDDSHV0_WKUP IO bias
-0.3
2.2
V
VDDS1
Supply voltage range for VDDSHV1 IO bias
-0.3
2.2
V
VDDS1_WKUP
Supply voltage range for VDDSHV1_WKUP IO bias
-0.3
2.2
V
VDDS2
Supply voltage range for VDDSHV2 IO bias
-0.3
2.2
V
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
124
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com