Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 125 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 125 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 121Page - Texas Instruments AM6548ACD Datasheet HTML 122Page - Texas Instruments AM6548ACD Datasheet HTML 123Page - Texas Instruments AM6548ACD Datasheet HTML 124Page - Texas Instruments AM6548ACD Datasheet HTML 125Page - Texas Instruments AM6548ACD Datasheet HTML 126Page - Texas Instruments AM6548ACD Datasheet HTML 127Page - Texas Instruments AM6548ACD Datasheet HTML 128Page - Texas Instruments AM6548ACD Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 284 page
background image
over operating free-air temperature range (unless otherwise noted)(1) (2)
PARAMETERS
MIN
MAX UNIT
VDDS2_WKUP
Supply voltage range for VDDSHV2_WKUP IO bias
-0.3
2.2
V
VDDS3
Supply voltage range for VDDSHV3 IO bias
-0.3
2.2
V
VDDS4
Supply voltage range for VDDSHV4 IO bias
-0.3
2.2
V
VDDS5
Supply voltage range for VDDSHV5 IO bias
-0.3
2.2
V
VDDS6
Supply voltage range for VDDSHV6 IO bias
-0.3
2.2
V
VDDS7
Supply voltage range for VDDSHV7 IO bias
-0.3
2.2
V
VDDS8
Supply voltage range for VDDSHV8 IO bias
-0.3
2.2
V
VDDSHV0
Supply voltage range for dual-voltage IO
domain
1.8 V
-0.3
2.2
V
3.3 V
-0.3
3.8
V
VDDSHV0_WKUP
Supply voltage range for dual-voltage IO
domain
1.8 V
-0.3
2.2
V
3.3 V
-0.3
3.8
V
VDDSHV1
Supply voltage range for dual-voltage IO
domain
1.8 V
-0.3
2.2
V
3.3 V
-0.3
3.8
V
VDDSHV1_WKUP
Supply voltage range for dual-voltage IO
domain
1.8 V
-0.3
2.2
V
3.3 V
-0.3
3.8
V
VDDSHV2
Supply voltage range for dual-voltage IO
domain
1.8 V
-0.3
2.2
V
3.3 V
-0.3
3.8
V
VDDSHV2_WKUP
Supply voltage range for dual-voltage IO
domain
1.8 V
-0.3
2.2
V
3.3 V
-0.3
3.8
V
VDDSHV3
Supply voltage range for dual-voltage IO
domain
1.8 V
-0.3
2.2
V
3.3 V
-0.3
3.8
V
VDDSHV4
Supply voltage range for dual-voltage IO
domain
1.8 V
-0.3
2.2
V
3.3 V
-0.3
3.8
V
VDDSHV5
Supply voltage range for dual-voltage IO
domain
1.8 V
-0.3
2.2
V
3.3 V
-0.3
3.8
V
VDDSHV6
Supply voltage range for dual-voltage IO
domain
1.8 V
-0.3
2.2
V
3.3 V
-0.3
3.8
V
VDDSHV7
Supply voltage range for dual-voltage IO
domain
1.8 V
-0.3
2.2
V
3.3 V
-0.3
3.8
V
VDDSHV8
Supply voltage range for dual-voltage IO
domain
1.8 V
-0.3
2.2
V
3.3 V
-0.3
3.8
V
VPP_CORE
Supply voltage range for CORE EFUSE domain
NC
(8)
V
VPP_MCU
Supply voltage range for MCU EFUSE domain
-0.3
1.89
V
USB0_VBUS
Voltage range for USB VBUS comparator input
-0.3
1.89
V
USB1_VBUS
Voltage range for USB VBUS comparator input
-0.3
1.89
V
Steady State Max. Voltage at all
fail-safe IO pins
I2C0_SCL, I2C0_SDA, I2C1_SCL, I2C1_SDA, NMIn,
VDDA_3P3_MON_WKUP, VDDA_3P3_MON0
–0.3
3.8
V
VDDA_1P8_MON_WKUP, VDDA_1P8_MON0
-0.3
2.2
V
DDR_FS_RESETn
-0.3
2.2
V
Steady State Max. Voltage at all
other IO pins
(3)
VDDA_VSYS_MON
(4)
-0.3
2.2
(7)
V
All other IO pins
-0.3
IO supply voltage + 0.3
V
Transient Overshoot and
Undershoot specification at IO pin
20% of IO supply voltage for up to 20% of signal
period (see Figure 7-1, IO Transient Voltage Ranges)
0.2 × VDD
(5)
V
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
125
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com