Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 160 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 160 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 156Page - Texas Instruments AM6548ACD Datasheet HTML 157Page - Texas Instruments AM6548ACD Datasheet HTML 158Page - Texas Instruments AM6548ACD Datasheet HTML 159Page - Texas Instruments AM6548ACD Datasheet HTML 160Page - Texas Instruments AM6548ACD Datasheet HTML 161Page - Texas Instruments AM6548ACD Datasheet HTML 162Page - Texas Instruments AM6548ACD Datasheet HTML 163Page - Texas Instruments AM6548ACD Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 284 page
background image
Note
The load capacitors, Cf1 and Cf2 in Figure 7-25, should be chosen such that the below equation is
satisfied. CL in the equation is the load specified by the crystal manufacturer. All discrete components
used to implement the oscillator circuit should be placed as close as possible to the associated
oscillator WKUP_LFOSC0_XI, WKUP_LFOSC0_XO, and VSS pins.
CL=
C C
f1
2
f
(C +C )
f1
f2
SPRS932_CLOCK_03
Figure 7-25. Load Capacitance Equation
The crystal must be in the fundamental mode of operation and parallel resonant. Table 7-22 summarizes the
required electrical constraints
Table 7-22. WKUP_LFOSC0 Crystal Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Parallel resonance crystal frequency
32768
Hz
Cf1
Cf1 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
Cf2
Cf2 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
Cshunt
Shunt capacitance
1.35
pF
ESR
Crystal effective series resistance
65
kΩ
When selecting a crystal, the system design must consider the temperature and aging characteristics of a based
on the worst case environment and expected life expectancy of the system.
Table 7-23 details the switching characteristics of the oscillator and the requirements of the input clock.
Table 7-23. WKUP_LFOSC0 Switching Characteristics – Crystal Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fxtal
Oscillation frequency
32768
Hz
tSX
Start-up time
(1)
s
(1)
In order to meet the start-up time defined in this table, the crystal needs to be selected according to the following equation:
Tsu = K×Lm/ (Ro-ESR) + Δt
where Lm is crystal motional inductance, RO is the negative resistance of amplifier, ESR is the crystal Effective series resistance and K
is a constant which represents the initial conditions. Δt is the time amplifier takes to reach its bias point after power down is released.
VDDA_WKUP
WKUP_LFOSC0_XO
t
sX
Time
VSS
VDDA_WKUP (min.)
VDD_WKUP (min.)
VSS
VDD_WKUP
Figure 7-26. WKUP_LFOSC0 Start-up Time
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
160
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com