Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 161 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 161 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 157Page - Texas Instruments AM6548ACD Datasheet HTML 158Page - Texas Instruments AM6548ACD Datasheet HTML 159Page - Texas Instruments AM6548ACD Datasheet HTML 160Page - Texas Instruments AM6548ACD Datasheet HTML 161Page - Texas Instruments AM6548ACD Datasheet HTML 162Page - Texas Instruments AM6548ACD Datasheet HTML 163Page - Texas Instruments AM6548ACD Datasheet HTML 164Page - Texas Instruments AM6548ACD Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 284 page
background image
7.9.4.1.7 WKUP_LFOSC0 LVCMOS Digital Clock Source
Note
WKUP_LFOSC_XO/WKUP_LFOSC_XI - External main crystal interface pins connected to internal
oscillator which sources reference clock provides a clock for low power operation in deeper sleep
modes. For a list of supported low power modes for this device, please refer to Overview of Device
Low-Power Modes section in the device TRM.
Figure 7-27 shows the recommended oscillator connections when WKUP_LFOSC0 is connected to an
LVCMOS square-wave digital clock source. The 1.8-V LVCMOS-Compatible clock source is connected to the
WKUP_LFOSC0_XI pin. In this mode of operation, the WKUP_LFOSC0_XO pin is left unconnected and should
not be used to source any external components.
VSS
Device
WKUP_LFOSC0_XO
WKUP_LFOSC0_XI
NC
PCB Ground
Figure 7-27. 1.8-V LVCMOS-Compatible Clock Input
Table 7-24 summarizes the WKUP_LFOSC0 input clock electrical characteristics.
Table 7-24. WKUP_LFOSC0 Oscillator Input Clock Electrical Characteristics—Bypass Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CK0
1/tc(WKUP_LFOSC0_XI)
Frequency, WKUP_LFOSC0_XI
32.768
kHz
CK1
tw(WKUP_LFOSC0_XI)
Pulse duration, WKUP_LFOSC0_XI low or
high
0.45 ×
tc(WKUP_LF
OSC0_XI)
0.55 ×
tc(WKUP_LF
OSC0_XI)
ns
CIN
Input capacitance
2.178
2.378
2.578
pF
IIN
Input current (3.3V mode)
4
6
10
μA
tsX
Start-up time
see(1)
ms
(1)
Before the processor boots up and the oscillator is set to bypass mode, there is a waiting time when the internal oscillator is in
application mode and receives a wave. The switching time in this case is about 100 μs.
WKUP_LFOSC0_XI
CK0
CK1
CK1
Figure 7-28. WKUP_LFOSC0_XI Input Clock
7.9.4.1.8 WKUP_LFOSC0 Not Used
For more Information see Section 6.5, Connections for Unused Pins.
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
161
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com