Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 179 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 179 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 175Page - Texas Instruments AM6548ACD Datasheet HTML 176Page - Texas Instruments AM6548ACD Datasheet HTML 177Page - Texas Instruments AM6548ACD Datasheet HTML 178Page - Texas Instruments AM6548ACD Datasheet HTML 179Page - Texas Instruments AM6548ACD Datasheet HTML 180Page - Texas Instruments AM6548ACD Datasheet HTML 181Page - Texas Instruments AM6548ACD Datasheet HTML 182Page - Texas Instruments AM6548ACD Datasheet HTML 183Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 284 page
background image
7.9.5.10.1.1 GPMC and NOR Flash Timing Requirements—Synchronous Mode
NO.
PARAMETER
DESCRIPTION
MODE(2)
MIN
MAX UNIT
F12
tsu(dV-clkH)
Setup time, input data GPMC_AD[15:0] valid
before output clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX_100;
TIMEPARAGRANULARITY_X1
2.17
ns
not_div_by_1_mode;
GPMC_FCLK_MUX_100;
TIMEPARAGRANULARITY_X1
3.46
ns
F13
th(clkH-dV)
Hold time, input data GPMC_AD[15:0] valid after
output clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX_100;
TIMEPARAGRANULARITY_X1
1.78
ns
not_div_by_1_mode;
GPMC_FCLK_MUX_100;
TIMEPARAGRANULARITY_X1
1.78
ns
F21
tsu(waitV-clkH)
Setup time, input wait GPMC_WAIT[x] valid before
output clock GPMC_CLK high (1)
div_by_1_mode;
GPMC_FCLK_MUX_100;
TIMEPARAGRANULARITY_X1
2.17
ns
not_div_by_1_mode;
GPMC_FCLK_MUX_100;
TIMEPARAGRANULARITY_X1
3.46
ns
F22
th(clkH-waitV)
Hold time, input wait GPMC_WAIT[x] valid after
output clock GPMC_CLK high (1)
div_by_1_mode;
GPMC_FCLK_MUX_100;
TIMEPARAGRANULARITY_X1
1.78
ns
not_div_by_1_mode;
GPMC_FCLK_MUX_100;
TIMEPARAGRANULARITY_X1
1.78
ns
(1)
In GPMC_WAIT[x], x is equal to 0 or 1.
(2)
For div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 0h:
–
GPMC_CLK frequency = GPMC_FCLK frequency
For not_div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 1h to 3h:
–
GPMC_CLK frequency = GPMC_FCLK frequency / (2 to 4)
For GPMC_FCLK_MUX_100:
•
gpmc_fclk_sel[1:0] = 01 = PER1_PLL_CLKOUT / 3 = 300 / 3 = 100MHz
For TIMEPARAGRANULARITY_X1:
•
GPMC_CONFIG1_i Register: TIMEPARAGRANULARITY = 0h = x1 latencies (affecting RD/WRCYCLETIME, RD/
WRACCESSTIME, PAGEBURSTACCESSTIME, CSONTIME, CSRD/WROFFTIME, ADVONTIME, ADVRD/WROFFTIME,
OEONTIME, OEOFFTIME, WEONTIME, WEOFFTIME, CYCLE2CYCLEDELAY, BUSTURNAROUND, TIMEOUTSTARTVALUE,
WRDATAONADMUXBUS)
7.9.5.10.1.2 GPMC and NOR Flash Switching Characteristics—Synchronous Mode
NO.(2) PARAMETER
DESCRIPTION
MODE(19)
MIN
MAX UNIT
F0
tc(clk)
Period, output clock GPMC_CLK (18)
div_by_1_mode;
GPMC_FCLK_MUX_100;
TIMEPARAGRANULARITY_X1
10
ns
F1
tw(clkH)
Typical pulse duration, output clock GPMC_CLK
high
div_by_1_mode;
GPMC_FCLK_MUX_100;
TIMEPARAGRANULARITY_X1
-0.3+0.4
75*P (15)
ns
F1
tw(clkL)
Typical pulse duration, output clock GPMC_CLK
low
div_by_1_mode;
GPMC_FCLK_MUX_100;
TIMEPARAGRANULARITY_X1
-0.3+0.4
75*P (15)
ns
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
179
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com