Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 181 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 181 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 177Page - Texas Instruments AM6548ACD Datasheet HTML 178Page - Texas Instruments AM6548ACD Datasheet HTML 179Page - Texas Instruments AM6548ACD Datasheet HTML 180Page - Texas Instruments AM6548ACD Datasheet HTML 181Page - Texas Instruments AM6548ACD Datasheet HTML 182Page - Texas Instruments AM6548ACD Datasheet HTML 183Page - Texas Instruments AM6548ACD Datasheet HTML 184Page - Texas Instruments AM6548ACD Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 284 page
background image
NO.(2) PARAMETER
DESCRIPTION
MODE(19)
MIN
MAX UNIT
F17
td(clkL-be[x]n)
Delay time, GPMC_CLK falling edge to
GPMC_BE0n_CLE, GPMC_BE1n transition (12)
div_by_1_mode;
GPMC_FCLK_MUX_100;
TIMEPARAGRANULARITY_X1
-2.3+J
(10)
1.9+J (10)
ns
F17
td(clkL-be[x]n).
Delay time, GPMC_CLK falling edge to
GPMC_BE0n_CLE, GPMC_BE1n transition (13)
div_by_1_mode;
GPMC_FCLK_MUX_100;
TIMEPARAGRANULARITY_X1
-2.3+J
(10)
1.9+J (10)
ns
F18
tw(csnV)
Pulse duration, output chip select GPMC_CSn[x]
low (14)
Read
0+A (1)
ns
Write
0+A (1)
ns
F19
tw(be[x]nV)
Pulse duration, output lower byte enable and
command latch enable GPMC_BE0n_CLE, output
upper byte enable GPMC_BE1n low
Read
0+C (3)
ns
Write
0+C (3)
ns
F20
tw(advnV)
Pulse duration, output address valid and address
latch enable GPMC_ADVn_ALE low
Read
0+K (16)
ns
Write
0+K (16)
ns
(1)
For single read: A = (CSRdOffTime - CSOnTime) × (TimeParaGranularity + 1) × GPMC_FCLK(17)
For burst read: A = (CSRdOffTime - CSOnTime + (n - 1) × PageBurstAccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(17)
For burst write: A = (CSWrOffTime - CSOnTime + (n - 1) × PageBurstAccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(17)
With n being the page burst access number.
(2)
B = ClkActivationTime × GPMC_FCLK(17)
(3)
For single read: C = RdCycleTime × (TimeParaGranularity + 1) × GPMC_FCLK(17)
For burst read: C = (RdCycleTime + (n - 1) × PageBurstAccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(17)
For burst write: C = (WrCycleTime + (n - 1) × PageBurstAccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(17)
With n being the page burst access number.
(4)
For single read: D = (RdCycleTime - AccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(17)
For burst read: D = (RdCycleTime - AccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(17)
For burst write: D = (WrCycleTime - AccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(17)
(5)
For single read: E = (CSRdOffTime - AccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(17)
For burst read: E = (CSRdOffTime - AccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(17)
For burst write: E = (CSWrOffTime - AccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(17)
(6)
For csn falling edge (CS activated):
•
Case GpmcFCLKDivider = 0:
–
F = 0.5 × CSExtraDelay × GPMC_FCLK(17)
•
Case GpmcFCLKDivider = 1:
–
F = 0.5 × CSExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and CSOnTime are odd) or (ClkActivationTime and
CSOnTime are even)
–
F = (1 + 0.5 × CSExtraDelay) × GPMC_FCLK(17) otherwise
•
Case GpmcFCLKDivider = 2:
–
F = 0.5 × CSExtraDelay × GPMC_FCLK(17) if ((CSOnTime - ClkActivationTime) is a multiple of 3)
–
F = (1 + 0.5 × CSExtraDelay) × GPMC_FCLK(17) if ((CSOnTime - ClkActivationTime - 1) is a multiple of 3)
–
F = (2 + 0.5 × CSExtraDelay) × GPMC_FCLK(17) if ((CSOnTime - ClkActivationTime - 2) is a multiple of 3)
(7)
For ADV falling edge (ADV activated):
•
Case GpmcFCLKDivider = 0:
–
G = 0.5 × ADVExtraDelay × GPMC_FCLK(17)
•
Case GpmcFCLKDivider = 1:
–
G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and ADVOnTime are odd) or (ClkActivationTime and
ADVOnTime are even)
–
G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) otherwise
•
Case GpmcFCLKDivider = 2:
–
G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) if ((ADVOnTime - ClkActivationTime) is a multiple of 3)
–
G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) if ((ADVOnTime - ClkActivationTime - 1) is a multiple of 3)
–
G = (2 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) if ((ADVOnTime - ClkActivationTime - 2) is a multiple of 3)
For ADV rising edge (ADV deactivated) in Reading mode:
•
Case GpmcFCLKDivider = 0:
–
G = 0.5 × ADVExtraDelay × GPMC_FCLK(17)
•
Case GpmcFCLKDivider = 1:
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
181
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com