Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 224 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 224 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 220Page - Texas Instruments AM6548ACD Datasheet HTML 221Page - Texas Instruments AM6548ACD Datasheet HTML 222Page - Texas Instruments AM6548ACD Datasheet HTML 223Page - Texas Instruments AM6548ACD Datasheet HTML 224Page - Texas Instruments AM6548ACD Datasheet HTML 225Page - Texas Instruments AM6548ACD Datasheet HTML 226Page - Texas Instruments AM6548ACD Datasheet HTML 227Page - Texas Instruments AM6548ACD Datasheet HTML 228Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 284 page
background image
7.9.5.18.2.1 OSPI Timing Requirements - SDR Mode
Table 7-67. OSPI DLL Delay Mapping - SDR Timing Modes
MODE
OSPI_PHY_CONFIGURATION_REG
BIT FIELD
DELAY VALUE
All modes
PHY_CONFIG_TX_DLL_DELAY_FLD
0x0
PHY_CONFIG_RX_DLL_DELAY_FLD
0x0
see Figure 7-86 and Figure 7-87
NO.
MODE
MIN
MAX
UNIT
O19 tsu(D-CLK)
Setup time, D[i:0] valid before active CLK
edge(1)
1.8V, Internal Loopback
-2.18
ns
3.3V, Internal Loopback
-1.7
ns
O20 th(CLK-D)
Hold time, D[i:0] valid after active CLK
edge(1)
1.8V, Internal Loopback
7.62
ns
3.3V, Internal Loopback
8.1
ns
O21 tsu(D-LBCLK)
Setup time, D[i:0] valid before active LBCLK
input (DQS) edge(1)
1.8V, External Board Loopback
-3.24
ns
3.3V, External Board Loopback
-2.72
ns
O22 th(LBCLK-D)
Hold time, D[i:0] valid after active LBCLK
input (DQS) edge(1)
1.8V, External Board Loopback
3.81
ns
3.3V, External Board Loopback
4.33
ns
(1)
i in [i:0] = 7 for OSPI0, i in [i:0] = 3 for OSPI1
OSPI_CLK
OSPI_D[i:0]
OSPI_TIMING_05
O 9
1
O20
Figure 7-86. OSPI Timing Requirements - SDR, Internal Clock and Internal Pad Loopback Clock
OSPI_DQS
OSPI_D[i:0]
OSPI_TIMING_06
O21
O 2
2
Figure 7-87. OSPI Timing Requirements - SDR, External Loopback Clock
7.9.5.18.2.2 OSPI Switching Characteristics - SDR Mode
NO.
DESCRIPTION(1)
MODE
MIN
MAX
UNIT
O7
tc(CLK)
Cycle time, CLK
1.8V
7
ns
3.3V
7.52
ns
O8
tw(CLKL)
Pulse duration, CLK low
-0.3+0.475×P
(1)
ns
O9
tw(CLKH)
Pulse duration, CLK high
-0.3+0.475×P
(1)
ns
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
224
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com