Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 226 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 226 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 222Page - Texas Instruments AM6548ACD Datasheet HTML 223Page - Texas Instruments AM6548ACD Datasheet HTML 224Page - Texas Instruments AM6548ACD Datasheet HTML 225Page - Texas Instruments AM6548ACD Datasheet HTML 226Page - Texas Instruments AM6548ACD Datasheet HTML 227Page - Texas Instruments AM6548ACD Datasheet HTML 228Page - Texas Instruments AM6548ACD Datasheet HTML 229Page - Texas Instruments AM6548ACD Datasheet HTML 230Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 284 page
background image
Table 7-69. OSPI Timing Requirements - DDR Mode
see Figure 7-89
NO.
MODE
MIN
MAX
UNIT
O15 tsu(D-LBCLK)
Setup time, D[i:0](1) valid before active LBCLK
(DQS) edge
1.8V, External Board Loopback
0.52
ns
3.3V, External Board Loopback
1.97
ns
O16 th(LBCLK-D)
Hold time, D[i:0](1) valid after active LBCLK (DQS)
edge
1.8V, External Board Loopback
1.24 (2)
ns
3.3V, External Board Loopback
1.44 (2)
ns
O17 tsu(D-DQS)
Setup time, D[i:0](1) valid before active DQS edge
1.8V, DQS
-0.46
ns
3.3V, DQS
-0.66
ns
O18 th(DQS-D)
Hold time, D[i:0](1) valid after active DQS edge
1.8V, DQS
3.59
ns
3.3V, DQS
8.89
ns
(1)
i in [i:0] = 7 for OSPI0, i in [i:0] = 3 for OSPI1
(2)
This Hold time requirement is larger than the Hold time provided by a typical flash device. Therefore, the trace length between the
SoC and flash device must be sufficiently long enough to ensure that the Hold time is met at the SoC. Refer to Section 9.2.2 for more
details.
OSPI_DQS
OSPI_D[i:0]
O16
O15
OSPI_TIMING_04
Figure 7-89. OSPI Timing Requirements - DDR, External Loopback Clock and DQS
7.9.5.18.2.4 OSPI Switching Characteristics - DDR Mode
NO. PARAMETER DESCRIPTION
MODE
MIN
MAX
UNIT
O1
tc(CLK)
Cycle time, CLK
19
ns
O2
tw(CLKL)
Pulse duration, CLK low
-0.3+0.475×P
(2)
ns
O3
tw(CLKH)
Pulse duration, CLK high
-0.3+0.475×P
(2)
ns
O4
td(CLK-CSn)
Delay time, CSn active edge to CLK rising edge
1.8 V
0.475 × P +
0.975 × N × R
(2) (3) (5)
0.475 × P +
0.975 × N × R
+ 7.7 (2) (3) (5)
ns
3.3 V
0.475 × P +
0.975 × N × R
(2) (3) (5)
0.475 × P +
0.975 × N × R
+ 8 (2) (3) (5)
ns
O5
td(CLK-CSn)
Delay time, CLK rising edge to CSn inactive
edge
1.8 V
0.475 × P +
0.975 × N × R
- 7.7(2) (4) (5)
0.475 × P +
0.975 × N × R
(2) (4) (5)
ns
3.3 V
0.475 × P +
0.975 × N × R
- 8(2) (4) (5)
0.475 × P +
0.975 × N × R
(2) (4) (5)
ns
O6
td(CLK-D)
Delay time, CLK active edge to D[i:0](1)
transition
1.8 V
-7.7
-1.56
ns
3.3 V
-7.7
-1.56
ns
(1)
i in [i:0] = 7 for OSPI0, i in [i:0] = 3 for OSPI1
(2)
P = CLK cycle time = SCLK period
(3)
N = OSPI_DEV_DELAY_REG[D_INIT_FLD]
(4)
N = OSPI_DEV_DELAY_REG[D_AFTER_FLD]
(5)
R = refclk
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
226
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com