Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 127 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 127 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 123Page - Texas Instruments AM6528ACD Datasheet HTML 124Page - Texas Instruments AM6528ACD Datasheet HTML 125Page - Texas Instruments AM6528ACD Datasheet HTML 126Page - Texas Instruments AM6528ACD Datasheet HTML 127Page - Texas Instruments AM6528ACD Datasheet HTML 128Page - Texas Instruments AM6528ACD Datasheet HTML 129Page - Texas Instruments AM6528ACD Datasheet HTML 130Page - Texas Instruments AM6528ACD Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 284 page
background image
7.3 Power-On Hours (POH)
OPERATING
CONDITION(1) (2) (3)
COMMERCIAL TEMPERATURE RANGE
EXTENDED TEMPERATURE RANGE
OPP
JUNCTION
TEMPERATURE (Tj)
LIFETIME (POH)
JUNCTION TEMP (Tj)
LIFETIME (POH)
OPP_NOM
0°C to 90°C
100k
-40°C to 105°C
100k
OPP_OD
100k
100k
OPP_TURBO
100k
55k
(1)
This information is provided solely for your convenience and does not extend or modify the warranty provided under TI's standard
terms and conditions for TI semiconductor products.
(2)
Unless specified in the table above, all voltage domains and operating conditions are supported in the device at the noted
temperatures.
(3)
POH is a function of voltage, temperature and time. Usage at higher voltages and temperatures will result in a reduction in POH.
7.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(2)
SUPPLY NAME
DESCRIPTION
MIN(1)
NOM
MAX(1)
UNIT
VDD_CORE(3)
CORE voltage domain supply
1.05
1.1
1.15
V
VDD_MCU(3)
MCU voltage domain supply
1.05
1.1
1.15
V
VDD_MPU0(3)
MPU0 voltage domain supply
OPP_NOM
See Section 7.5
V
OPP_OD
See Section 7.5
V
OPP_TURBO
See Section 7.5
V
VDD_MPU1(3)
MPU1 voltage domain supply
OPP_NOM
See Section 7.5
V
OPP_OD
See Section 7.5
V
OPP_TURBO
See Section 7.5
V
VDD_WKUP0
WKUP voltage domain supply
1.05
1.1
1.15
V
VDD_WKUP1
WKUP voltage domain supply
1.05
1.1
1.15
V
VDD_DLL_MMC0
MMC0 PHY DLL voltage supply
1.05
1.1
1.15
V
VDD_DLL_MMC1
MMC1 PHY DLL voltage supply
1.05
1.1
1.15
V
VDDA_1P8_CSI0
CSI PHY analog power supply
1.71
1.8
1.89
V
VDDA_1P8_SDIO
SDIO LDO analog power supply
1.71
1.8
1.89
V
VDDA_1P8_OLDI0
OLDI analog power supply
1.71
1.8
1.89
V
VDDA_1P8_SERDES0
SERDES0/1 (USB, PCIE, SGMII) analog power supply
1.71
1.8
1.89
V
Maximum peak-to-peak supply noise
30
mVPPmax
VDDA_3P3_IOLDO_WKUP
WKUP IO Bias LDO analog power supply
3.14
3.3
3.46
V
VDDA_3P3_IOLDO0
IO Bias LDO analog power supply
3.14
3.3
3.46
V
VDDA_3P3_IOLDO1
IO Bias LDO analog power supply
3.14
3.3
3.46
V
VDDA_3P3_SDIO
SDIO LDO analog power supply
3.14
3.3
3.46
V
VDDA_3P3_USB
USB analog power supply
3.14
3.3
3.46
V
VDDA_1P8_MON_WKUP
1.8V supply monitor in WKUP domain
1.71
1.8
1.89
V
VDDA_1P8_MON0
1.8V supply monitor in MAIN domain
1.71
1.8
1.89
V
VDDA_3P3_MON_WKUP
3.3V supply monitor in WKUP domain
3.14
3.3
3.46
V
VDDA_3P3_MON0
3.3V supply monitor in MAIN domain
3.14
3.3
3.46
V
VDDA_VSYS_MON
Supply monitor for system
0
see(6)
1
V
VDDA_ADC_MCU
ADC0, ADC1 analog power supply
1.71
1.8
1.89
V
VDDA_LDO_WKUP
WKUP LDO analog power supply
1.71
1.8
1.89
V
VDDA_MCU
MCU SRAM LDO, MCU DPLL, CPSW DPLL analog power
supply
1.71
1.8
1.89
V
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
127
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com