Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 130 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 130 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 126Page - Texas Instruments AM6528ACD Datasheet HTML 127Page - Texas Instruments AM6528ACD Datasheet HTML 128Page - Texas Instruments AM6528ACD Datasheet HTML 129Page - Texas Instruments AM6528ACD Datasheet HTML 130Page - Texas Instruments AM6528ACD Datasheet HTML 131Page - Texas Instruments AM6528ACD Datasheet HTML 132Page - Texas Instruments AM6528ACD Datasheet HTML 133Page - Texas Instruments AM6528ACD Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 284 page
background image
7.5 Operating Performance Points
This section describes the operating conditions of the device. This section also contains the description of each
operating performance point for processor clocks and device core clocks.
Note
The OPP voltage and frequency values may change following the silicon characterization result.
Table 7-1 describes the maximum supported frequency per speed grade for the device.
Table 7-1. Speed Grade Maximum Frequency
DEVICE(1)
MAXIMUM FREQUENCY (MHz)
MPU
MCU
DMSC
GPU
CBASS0
ICSSG
DDR4
AM6548xxX
1100
400
200
450
250
250
800 (DDR-1600)
AM6528xxX
1100
400
200
450
250
250
800 (DDR-1600)
AM6546xxX
1100
400
200
N/A
250
250
800 (DDR-1600)
AM6526xxX
1100
400
200
N/A
250
250
800 (DDR-1600)
(1)
N/A stands for Not Applicable.
7.5.1 Voltage and Core Clock Specifications
Table 7-2 through Table 7-3 defines the device Operating Performance Points (OPPs). As shown in these tables,
each OPP defines a voltage and frequency pair for a given voltage domain supply.
Note
This device, when used in a production system, only supports one static OPP over the lifetime of the
device. When designing a production system, a fixed OPP should be selected based on the maximum
frequency required by the system. The corresponding OPP voltage must then be exclusively used by
the device.
Table 7-2. VDD_MPU0 OPPs
VDD_MPU0 OPPs(1)
VDD_MPU0
MPU0
MIN
NOM
MAX
OPP_NOM
1.06
1.1
1.16
800 MHz
OPP_OD
1.14
1.2
1.26
1 GHz
OPP_TURBO
1.2
1.24
1.28
1.1 GHz
(1)
For additional details about supported AVS Voltages, refer to the footnotes associated with Section 7.4, Recommended Operating
Conditions.
Table 7-3. VDD_MPU1 OPPs
VDD_MPU1 OPPs(1)
VDD_MPU1
MPU1
MIN
NOM
MAX
OPP_NOM
1.06
1.1
1.16
800 MHz
OPP_OD
1.14
1.2
1.26
1 GHz
OPP_TURBO
1.2
1.24
1.28
1.1 GHz
(1)
For additional details about supported AVS Voltages, refer to the footnotes associated with Section 7.4, Recommended Operating
Conditions.
Table 7-4 describes the standard processor clocks speed characteristics vs OPP of the device.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
130
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com