Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 133 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 133 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 129Page - Texas Instruments AM6528ACD Datasheet HTML 130Page - Texas Instruments AM6528ACD Datasheet HTML 131Page - Texas Instruments AM6528ACD Datasheet HTML 132Page - Texas Instruments AM6528ACD Datasheet HTML 133Page - Texas Instruments AM6528ACD Datasheet HTML 134Page - Texas Instruments AM6528ACD Datasheet HTML 135Page - Texas Instruments AM6528ACD Datasheet HTML 136Page - Texas Instruments AM6528ACD Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 284 page
background image
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
IOZ
Total leakage current through the driver/receiver
combination, which may include an internal pull-up or pull-
down. This value represents the maximum current flowing
in or out of the pin while the output driver is disabled, the
pull-up or pull-down is inhibited, and the input is swept
from VSS to VDD.
80
µA
VOL
Low-level output voltage at 3-mA sink current
0.4
V
(1)
Voltage Input High Steady State (VIHSS) should be maintained when the signal is not transitioning.
(2)
Voltage Input Low Steady State (VILSS) should be maintained when the signal is not transitioning.
7.6.2 Analog OSC Buffers DC Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER(1)
MIN
TYP
MAX
UNIT
BALL NAMES: OSC1_XI / WKUP_OSC0_XI
BALL NUMBERS: C22 / AD5
HIGH FREQUENCY OSCILLATOR
VIH
High-level input voltage
0.65 × VDDS(1)
V
VIL
Low-level input voltage
0.35 × VDDS(1)
V
BALL NAMES: WKUP_LFOSC0_XI
BALL NUMBERS: AE4
LOW FREQUENCY OSCILLATOR
VIH
High-level input voltage
0.65 ×
VDDA_WKUP
V
VIL
Low-level input voltage
0.35 ×
VDDA_WKUP
V
(1)
VDDS stands for corresponding power supply. For WKUP_OSC0_XI, the corresponding power supply is VDDA_WKUP. For OSC1_XI,
the corresponding power supply is VDDS_OSC1.
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
133
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com