Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 134 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 134 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 130Page - Texas Instruments AM6528ACD Datasheet HTML 131Page - Texas Instruments AM6528ACD Datasheet HTML 132Page - Texas Instruments AM6528ACD Datasheet HTML 133Page - Texas Instruments AM6528ACD Datasheet HTML 134Page - Texas Instruments AM6528ACD Datasheet HTML 135Page - Texas Instruments AM6528ACD Datasheet HTML 136Page - Texas Instruments AM6528ACD Datasheet HTML 137Page - Texas Instruments AM6528ACD Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 284 page
background image
7.6.3 Analog ADC DC Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BALL NAMES in Mode 0: MCU_ADC0_AIN[7:0] / MCU_ADC0_REFP/N / MCU_ADC1_AIN[7:0] / MCU_ADC1_REFP/N
BALL NUMBERS: F4 / F5 / G3 / G4 / G5 / G6 / H2 / H3 / H4 / H5 / J1 / J2 / J3 / J4 / J5 / J6 / K2 / K3 / K4 / K5
Analog Input
VMCU_ADC0/1_REFP
MCU_ADC0/1_REFP
(0.5 ×
VDDA_ADC_MCU) +
0.25
VDDA_ADC_MCU
V
VMCU_ADC0/1_REFN
MCU_ADC0/1_REFN
0
(0.5 ×
VDDA_ADC_MCU) -
0.25
V
VMCU_ADC0/1_REFP +
MCU_ADC0/1_REFN
MCU_ADC0/1_REFP
+MCU_ADC0/1_REFN
VDDA_ADC_MCU
V
VMCU_ADC0/1_AIN[7:0]
Full-scale Input Range
MCU_ADC0/1_REFN
MCU_ADC0/1_REFP
V
DNL
Differential Non-Linearity
MCU_ADC0/1_REFP =
VDDA_MCU_ADC0/1,
MCU_ADC0/1_REFN = VSS
-1
0.5
4
LSB
INL
Integral Non-Linearity
MCU_ADC0/1_REFP =
VDDA_MCU_ADC0/1,
MCU_ADC0/1_REFN = VSS
±1
±4
LSB
LSBGAIN-ERROR
Gain Error
MCU_ADC0/1_REFP =
VDDA_MCU_ADC0/1,
MCU_ADC0/1_REFN = VSS
±2
LSB
LSBOFFSET-ERROR
Offset Error
MCU_ADC0/1_REFP =
VDDA_MCU_ADC0/1,
MCU_ADC0/1_REFN = VSS
±2
LSB
CIN
Input Sampling Capacitance
5.5
pF
SNR
Signal-to-Noise Ratio
Input Signal: 200 kHz sine
wave at -0.5 dB Full
Scale, MCU_ADC0/1_REFP
= VDDA_MCU_ADC0/1,
MCU_ADC0/1_REFN = VSS
70
dB
THD
Total Harmonic Distortion
Input Signal: 200 kHz sine
wave at -0.5 dB Full
Scale, MCU_ADC0/1_REFP
= VDDA_MCU_ADC0/1,
MCU_ADC0/1_REFN = VSS
75
dB
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
134
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com