Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 138 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 138 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 134Page - Texas Instruments AM6528ACD Datasheet HTML 135Page - Texas Instruments AM6528ACD Datasheet HTML 136Page - Texas Instruments AM6528ACD Datasheet HTML 137Page - Texas Instruments AM6528ACD Datasheet HTML 138Page - Texas Instruments AM6528ACD Datasheet HTML 139Page - Texas Instruments AM6528ACD Datasheet HTML 140Page - Texas Instruments AM6528ACD Datasheet HTML 141Page - Texas Instruments AM6528ACD Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 284 page
background image
over recommended operating conditions (unless otherwise noted)(1)
PARAMETER
SPECIFIC BALL
MIN
TYP
MAX UNI
T
VILSS
Input low-level Steady State
0.75
V
VHYS
Input hysteresis voltage
TCK (AA4)
400
mV
PORz (E19),
MCU_PORz (W5),
MCU_BYP_POR (V5)
50
All other IOs
100
VOH
Output high-level threshold
IOH = 100µA
VDDS(1) - 0.1
V
IOH = 2mA
VDDS(1) - 0.2
IOH = 4mA
VDDS(1) - 0.3
IOH = 6mA
VDDS(1) - 0.45
VOL
Output low-level threshold
IOL = 100µA
0.1
V
IOL = 2mA
0.2
IOL = 4mA
0.3
IOL = 6mA
0.45
IIN
Input leakage current, pull-up or pull-down
inhibited
64 µA
Input leakage current, pull-down enabled, VI =
VDDS(1)
67
100.7
198
Input leakage current, pull-up enabled, VI = VSS
63
100.3
160
IOZ
Total leakage current through the driver/receiver
combination, which may include an internal
pull-up or pull-down. This value represents the
maximum current flowing in or out of the pin
while the output driver is disabled, the pull-up
or pull-down is inhibited, and the input is swept
from VSS to VDD.
64 µA
(1)
VDDS stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see Table
6-1, Pin Attributes, POWER [9] column.
7.6.6 USBHS Buffers DC Electrical Characteristics
Note
USB0 and USB1 Electrical Characteristics are compliant with Universal Serial Bus Revision 2.0
Specification dated April 27, 2000 including ECNs and Errata as applicable.
7.6.7 SERDES Buffers DC Electrical Characteristics
Note
The PCIe interfaces are compliant with the electrical parameters specified in PCI Express® Base
Specification Revision 3.1.
Note
USB0 instance is compliant with the USB3.1 SuperSpeed Transmitter and Receiver Normative
Electrical Parameters as defined in the Universal Serial Bus 3.1 Specification, Revision 1.0 , July
26, 2013.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
138
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com