Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 142 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 142 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 138Page - Texas Instruments AM6528ACD Datasheet HTML 139Page - Texas Instruments AM6528ACD Datasheet HTML 140Page - Texas Instruments AM6528ACD Datasheet HTML 141Page - Texas Instruments AM6528ACD Datasheet HTML 142Page - Texas Instruments AM6528ACD Datasheet HTML 143Page - Texas Instruments AM6528ACD Datasheet HTML 144Page - Texas Instruments AM6528ACD Datasheet HTML 145Page - Texas Instruments AM6528ACD Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 284 page
background image
7.9.2 Power Supply Sequencing
This section describes the power-up sequence required to ensure proper device operation. The power supply
names described in this section comprise a superset of a family of compatible devices. Some members of this
family will not include a subset of these power supplies and their associated device modules.
Note
All timing requirements and switching characteristics in Section 7.9.3 should be strictly followed unless
otherwise specified.
7.9.2.1 Power Supply Slew Rate Requirement
To maintain the safe operating range of the internal ESD protection devices, TI recommends limiting the
maximum slew rate of supplies to be less than 100 mV/μs. For instance, as shown in Figure 7-2, TI recommends
having the supply ramp slew for a 1.8-V supply of more than 18 μs.
Figure 7-2 describes the Power Supply Slew Rate Requirement of the device.
t
slew rate < 100 mV/ s
slew > (supply value) / (
)
or
supply value x 10 µs
µ
100 mV/µs
Supply value
SPRSP08_ELCH_06
Figure 7-2. Power Supply Slew and Slew Rate
7.9.2.2 VDDA_1P8_SERDES0 Supply Slew Rate Requirement
To maintain the safe operating range of the internal ESD protection devices, TI recommends limiting the
maximum slew rate of VDDA_1P8_SERDES0 supplies to be less than 40 mV/μs. For instance, as shown in
Figure 7-3, TI recommends having the supply ramp slew for a 1.8-V supply of more than 45 μs.
Figure 7-3 describes the VDDA_1P8_SERDES0 Supply Slew Rate Requirement of the device.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
142
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com