Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 140 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 140 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 136Page - Texas Instruments AM6528ACD Datasheet HTML 137Page - Texas Instruments AM6528ACD Datasheet HTML 138Page - Texas Instruments AM6528ACD Datasheet HTML 139Page - Texas Instruments AM6528ACD Datasheet HTML 140Page - Texas Instruments AM6528ACD Datasheet HTML 141Page - Texas Instruments AM6528ACD Datasheet HTML 142Page - Texas Instruments AM6528ACD Datasheet HTML 143Page - Texas Instruments AM6528ACD Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 284 page
background image
7.8 Thermal Resistance Characteristics
This section provides the thermal resistance characteristics used on this device.
For reliability and operability concerns, the maximum junction temperature of the Device has to be at or below
the TJ value identified in Section 7.4, Recommended Operating Conditions.
7.8.1 Thermal Resistance Characteristics
It is recommended to perform thermal simulations at the system level with the worst case device power consumption
NO.
NAME
DESCRIPTION
ACD
°C/W(1) (3)
AIR FLOW
(m/s)(2)
T1
RΘJC
Junction-to-case
0.2
N/A
T2
RΘJB
Junction-to-board
3.1
N/A
T3
RΘJA
Junction-to-free air
12.8
0
T4
Junction-to-moving air
7.4
1
T5
6.5
2
T6
6
3
T7
ΨJT
Junction-to-package top
0.1
0
T8
0.1
1
T9
0.1
2
T10
0.1
3
T11
ΨJB
Junction-to-board
2.9
0
T12
2.4
1
T13
2.3
2
T14
2.3
3
(1)
These values are based on a JEDEC defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on
a JEDEC defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-6, Integrated Circuit Thermal Test Method Environmental Conditions - Forced Convection (Moving Air)
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Packages
(2)
m/s = meters per second.
(3)
°C/W = degrees Celsius per watt.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
140
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com