Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 152 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 152 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 148Page - Texas Instruments AM6528ACD Datasheet HTML 149Page - Texas Instruments AM6528ACD Datasheet HTML 150Page - Texas Instruments AM6528ACD Datasheet HTML 151Page - Texas Instruments AM6528ACD Datasheet HTML 152Page - Texas Instruments AM6528ACD Datasheet HTML 153Page - Texas Instruments AM6528ACD Datasheet HTML 154Page - Texas Instruments AM6528ACD Datasheet HTML 155Page - Texas Instruments AM6528ACD Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 284 page
background image
DEVICE
MCU_PORz / PORz
MCU_SYSCLKOUT0
REFCLK0 P/N
SERDES0_REFCLK P/N
Selects Main PLL output divide-by-4
Optional external crystal interface pins connected to internal
oscillator which sources reference clock. Provides reference clock to
PLLs within MCU domain and MAIN domain. This high-frequency oscillator
is used to provide audio clock frequencies to MCASPs.
MCU_RESETz/ RESETz
MCU_OBSCLK0
Optional pins to provide reference clock input to the PLLs.
OSC1_XI
OSC1_XO
MCU Warm Reset Input / Device Warm Reset Input
BOOTMODE[18:00]
REFCLK1 P/N
OBSCLK0
SYSCLK0
MCU Power ON Reset / Device Power ON Reset
SPRSP08_CLOCK_01
There are 2 differential clock output pins to support 2 PCIe
devices
Boot Mode Configuration / devices select
SerDes reference clock input for PCIe or Optional USB3SS0 PHY
SERDES1_REFCLK P/N
MCU_CPTS0_RFT_CLK
MCU_EXT_REFCLK0
Optional for the DPI1 Port of DSS
VOUT1_EXTPCLKIN
Optional external low frequency crystal interface pins connected
to internal oscillator which provides a 32.768 kHz clock for
low power operation in deeper sleep modes.
WKUP_LFOSC0_XI
WKUP_LFOSC0_XO
Еxternal main crystal interface pins connected to
internal oscillator whichsources reference clock.
Provides reference clock to PLLs within WKUP and MAIN domain.
WKUP_OSC0_XI
WKUP_OSC0_XO
CPTS reference clock input for CPTS_RFT_CLK
CPTS0_RFT_CLK
TCK
EXT_REFCLK1
Optional external system clock input (MCU domain)
CPTS reference clock input for MCU_CPTS_RFT_CLK
Optional external System clock input (MAIN domain)
Observation clock output for MCU Domain clocks
Observation clock output for MAIN and MCU Domain clocks
JTAG Clock Input
MCU_BOOTMODE[09:00]
MCU Boot Mode system clock speed and fail-safe boot device
DDR_CK0P/DDR_CK0N
DDR Differential Clock outputs
DDR_CK1P/DDR_CK1N
Figure 7-14. Input Clocks Interface
For more information about Input clock interfaces, see the Clocking section in the device TRM.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
152
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com