Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 154 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 154 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 150Page - Texas Instruments AM6528ACD Datasheet HTML 151Page - Texas Instruments AM6528ACD Datasheet HTML 152Page - Texas Instruments AM6528ACD Datasheet HTML 153Page - Texas Instruments AM6528ACD Datasheet HTML 154Page - Texas Instruments AM6528ACD Datasheet HTML 155Page - Texas Instruments AM6528ACD Datasheet HTML 156Page - Texas Instruments AM6528ACD Datasheet HTML 157Page - Texas Instruments AM6528ACD Datasheet HTML 158Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 284 page
background image
Table 7-14. WKUP_OSC0 Crystal Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX UNIT
fp
Parallel resonance crystal frequency
19.2, 20, 24, 25, 26, 27
MHz
Cf1
Cf1 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
Cf2
Cf2 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
ESR(Cf1,Cf2)
Crystal ESR
100
Ω
CO
Crystal shunt capacitance
ESR = 30 Ω
ESR = 40 Ω
19.2 MHz, 20 MHz, 24
MHz, 25 MHz, 26 MHz, 27
MHz
7
pF
ESR = 50 Ω
19.2 MHz, 20 MHz
7
pF
24 MHz, 25 MHz, 26 MHz,
27 MHz
5
pF
ESR = 60 Ω
19.2 MHz, 20 MHz
7
pF
24 MHz, 25 MHz, 26 MHz,
27 MHz
Not Supported
-
ESR = 80 Ω
19.2 MHz, 20 MHz
5
pF
24 MHz, 25 MHz, 26 MHz,
27 MHz
Not Supported
-
ESR = 100 Ω
19.2 MHz, 20 MHz
3
pF
24 MHz, 25 MHz, 26 MHz,
27 MHz
Not Supported
-
LM
Crystal motional inductance for fp = 20 MHz
10.16
mH
CM
Crystal motional capacitance
3.42
fF
fj(WKUP_OSC0_XI)
Frequency accuracy, WKUP_OSC0_XI
Ethernet RGMII and RMII
not used
±100
ppm
Ethernet RGMII and RMII
using derived clock
±50
When selecting a crystal, the system design must consider the temperature and aging characteristics of a based
on the worst case environment and expected life expectancy of the system.
Table 7-15 details the switching characteristics of the oscillator and the requirements of the input clock.
Table 7-15. WKUP_OSC0 Switching Characteristics – Crystal Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Oscillation frequency
19.2, 20, 24, 25, 26, 27
MHz
tsX
Start-up time
2
(1)
ms
(1)
In order to meet the start-up time defined in this table, the crystal needs to be selected according to the following equation:
Tsu = K×Lm/ (Ro-ESR) + Δt
where Lm is crystal motional inductance, RO is the negative resistance of amplifier, ESR is the crystal Effective series resistance and K
is a constant which represents the initial conditions. Δt is the time amplifier takes to reach its bias point after power down is released.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
154
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com