Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 158 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 158 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 154Page - Texas Instruments AM6528ACD Datasheet HTML 155Page - Texas Instruments AM6528ACD Datasheet HTML 156Page - Texas Instruments AM6528ACD Datasheet HTML 157Page - Texas Instruments AM6528ACD Datasheet HTML 158Page - Texas Instruments AM6528ACD Datasheet HTML 159Page - Texas Instruments AM6528ACD Datasheet HTML 160Page - Texas Instruments AM6528ACD Datasheet HTML 161Page - Texas Instruments AM6528ACD Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 284 page
background image
VDDS_OSC1
OSC1_XO
t
sX
Time
VSS
VDDS_OSC1 (min.)
VDD_CORE (min.)
VSS
VDD_CORE
Figure 7-21. OSC1 Start-up Time
7.9.4.1.4 Auxiliary OSC1 LVCMOS Digital Clock Source
Figure 7-22 shows the recommended oscillator connections when OSC1 is connected to an LVCMOS square-
wave digital clock source The 1.8-V LVCMOS-Compatible clock source is connected to the OSC1_XI pin. In
this mode of operation, the OSC1_XO pin is left unconnected and should not be used to source any external
components.
VSS
Device
OSC1_XO
OSC1_XI
NC
SPRSP08_CLK_01
PCB Ground
Figure 7-22. 1.8-V LVCMOS-Compatible Clock Input
Table 7-20 summarizes the OSC1 input clock electrical characteristics.
Table 7-20. OSC1 Switching Characteristics – Crystal Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f
Frequency
19.2, 20, 24, 25, 26, 27
MHz
CIN
Input capacitance
2.184
2.384
2.584
pF
IIN
Input current (3.3V mode)
4
6
10
µA
Table 7-21 details the OSC1 input clock timing requirements.
Table 7-21. OSC1 Input Clock Timing Requirements
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CK0
1 / tc(OSC1_XI)
Frequency, OSC1_XI
19.2, 20, 24, 25, 26, 27
MHz
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
158
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com