Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 159 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 159 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 155Page - Texas Instruments AM6528ACD Datasheet HTML 156Page - Texas Instruments AM6528ACD Datasheet HTML 157Page - Texas Instruments AM6528ACD Datasheet HTML 158Page - Texas Instruments AM6528ACD Datasheet HTML 159Page - Texas Instruments AM6528ACD Datasheet HTML 160Page - Texas Instruments AM6528ACD Datasheet HTML 161Page - Texas Instruments AM6528ACD Datasheet HTML 162Page - Texas Instruments AM6528ACD Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 284 page
background image
Table 7-21. OSC1 Input Clock Timing Requirements (continued)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CK1
tw(OSC1_XI)
Pulse duration, OSC1_XI low or high
0.45 ×
tc(OSC1_XI)
0.55 ×
tc(OSC1_XI)
ns
tj(OSC1_XI)
Period jitter, OSC1_XI
0.01 ×
tc(OSC1_XI)
ns
tR(OSC1_XI)
Rise time, OSC1_XI
5
ns
tF(OSC1_XI)
Fall time, OSC1_XI
5
ns
tj(OSC1_XI)
Frequency accuracy, OSC1_XI
Ethernet RGMII and RMII
not used
±100
ppm
Ethernet RGMII and RMII
using derived clock
±50
OSC1_XI
CK0
CK1
CK1
Figure 7-23. OSC1_XI Input Clock
7.9.4.1.5 Auxiliary OSC1 Not Used
For more Information see Section 6.5, Connections for Unused Pins.
7.9.4.1.6 WKUP_LFOSC0 Internal Oscillator Clock Source
Note
WKUP_LFOSC_XO/WKUP_LFOSC_XI - External main crystal interface pins connected to internal
oscillator which sources reference clock provides a clock for low power operation in deeper sleep
modes. For a list of supported low power modes for this device, please refer to Overview of Device
Low-Power Modes section in the device TRM.
Figure 7-24 shows the recommended crystal circuit. It is recommended that preproduction printed-circuit board
(PCB) designs include the two optional resistors Rbias and Rd in case they are required for proper oscillator
operation when combined with production crystal circuit components. In most cases, Rbias is not required and
Rd is a 0 ohm resistor. These resistors may be removed from production PCB designs after evaluating oscillator
performance with production crystal circuit components installed on preproduction PCBs.
Device
WKUP_LFOSC0_XO
WKUP_LFOSC0_XI
C
f1
Crystal
Rd
C
f2
(Optional)
SPRSP08_PCB_CLK_OSC_3
Rbias
(Optional)
PCB Ground
Figure 7-24. WKUP_LFOSC0 Crystal Implementation
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
159
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com