Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 168 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 168 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 164Page - Texas Instruments AM6528ACD Datasheet HTML 165Page - Texas Instruments AM6528ACD Datasheet HTML 166Page - Texas Instruments AM6528ACD Datasheet HTML 167Page - Texas Instruments AM6528ACD Datasheet HTML 168Page - Texas Instruments AM6528ACD Datasheet HTML 169Page - Texas Instruments AM6528ACD Datasheet HTML 170Page - Texas Instruments AM6528ACD Datasheet HTML 171Page - Texas Instruments AM6528ACD Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 284 page
background image
7.9.5.2.3 CPSW2G RGMII Timings
Section 7.9.5.2.3.1, Section 7.9.5.2.3.2, and Figure 7-36 present timing requirements for receive RGMII
operation.
Table 7-31 presents timing conditions for CPSW2G RGMII.
Table 7-31. CPSW2G RGMII Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
2.64
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
20
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Mismatch Delay) Propagation delay mismatch across all traces
RGMII[x]_RXC,
RGMII[x]_RD[3:
0],
RGMII[x]_RX_C
TL
50
ps
RGMII[x]_TXC,
RGMII[x]_TD[3:
0],
RGMII[x]_TX_C
TL
50
ps
7.9.5.2.3.1 Timing Requirements for RGMII[x]_RCLK - RGMII Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
TYP
MAX
UNIT
RGMII1 tc(RXC)
Cycle time, RXC
10Mbps
360
440
ns
100Mbps
36
44
ns
1000Mbps
7.2
8.8
ns
RGMII2 tw(RXCH)
Pulse duration, RXC high
10Mbps
160
240
ns
100Mbps
16
24
ns
1000Mbps
3.6
4.4
ns
RGMII3 tw(RXCL)
Pulse duration, RXC low
10Mbps
160
240
ns
100Mbps
16
24
ns
1000Mbps
3.6
4.4
ns
7.9.5.2.3.2 Timing Requirements for RGMII[x]_RD[3:0], and RGMII[x]_RCTL - RGMII Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
TYP
MAX
UNIT
RGMII4 tsu(RD-RXC)
Setup time, RD[3:0] valid before RXC high/low
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1
ns
tsu(RX_CTL-RXC)
Setup time, RX_CTL valid before RXC high/low
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1
ns
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
168
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com