Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 169 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 169 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 165Page - Texas Instruments AM6528ACD Datasheet HTML 166Page - Texas Instruments AM6528ACD Datasheet HTML 167Page - Texas Instruments AM6528ACD Datasheet HTML 168Page - Texas Instruments AM6528ACD Datasheet HTML 169Page - Texas Instruments AM6528ACD Datasheet HTML 170Page - Texas Instruments AM6528ACD Datasheet HTML 171Page - Texas Instruments AM6528ACD Datasheet HTML 172Page - Texas Instruments AM6528ACD Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 284 page
background image
NO.
PARAMETER
DESCRIPTION
MODE
MIN
TYP
MAX
UNIT
RGMII5 th(RXC-RD)
Hold time, RD[3:0] valid after RXC high/low
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1.15
ns
th(RXC-RX_CTL)
Hold time, RX_CTL valid after RXC high/low
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1.15
ns
RGMII[x] RD 3
_
[ :0]
(B)
RGMII[x] RX_CTL
_
(B)
RGMII[x] RXC
_
(A)
RGMII4
RXERR
RXDV
2nd Half-byte
1st Half-byte
RGMII2
RGMII3
RGMII1
RGMII5
A.
RGMII_RXC must be externally delayed relative to the data and control pins.
B.
Data and control information is received using both edges of the clocks. RGMII_RXD[3:0] carries data bits 3-0 on the rising edge of
RGMII_RXC and data bits 7-4 on the falling edge of RGMII_RXC. Similarly, RGMII_RXCTL carries RXDV on rising edge of RGMII_RXC
and RXERR on falling edge of RGMII_RXC.
Figure 7-36. CPSW2G Receive Interface Timing, RGMII operation
Section 7.9.5.2.3.3, Section 7.9.5.2.3.4, and Figure 7-37 present switching characteristics for transmit - RGMII
for 10 Mbps, 100 Mbps, and 1000 Mbps.
7.9.5.2.3.3 Switching Characteristics for RGMII[x]_TCLK - RGMII Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
TYP
MAX
UNIT
RGMII1 tc(TXC)
Cycle time, TXC
10Mbps
360
440
ns
100Mbps
36
44
ns
1000Mbps
7.2
8.8
ns
RGMII2 tw(TXCH)
Pulse duration, TXC high
10Mbps
160
240
ns
100Mbps
16
24
ns
1000Mbps
3.6
4.4
ns
RGMII3 tw(TXCL)
Pulse duration, TXC low
10Mbps
160
240
ns
100Mbps
16
24
ns
1000Mbps
3.6
4.4
ns
7.9.5.2.3.4 Switching Characteristics for RGMII[x]_TD[3:0], and RGMII[x]_TX_CTL - RGMII Mode
NO.
PARAMETER
MODE
MIN
TYP
MAX
UNIT
RGMII9 tosu(TD-TXC)
Output setup time, RGMII[x]_TD[3:0] valid to
RGMII[x]_TXC high/low
10/100 Mbps
1.2
ns
1000 Mbps
1.05(1)
ns
tosu(TX_CTL-TXC)
Output setup time, RGMII[x]_TX_CTL valid to
RGMII[x]_TXC high/low
10/100 Mbps
1.2
ns
1000 Mbps
1.05(1)
ns
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
169
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com