Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 192 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 192 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 188Page - Texas Instruments AM6528ACD Datasheet HTML 189Page - Texas Instruments AM6528ACD Datasheet HTML 190Page - Texas Instruments AM6528ACD Datasheet HTML 191Page - Texas Instruments AM6528ACD Datasheet HTML 192Page - Texas Instruments AM6528ACD Datasheet HTML 193Page - Texas Instruments AM6528ACD Datasheet HTML 194Page - Texas Instruments AM6528ACD Datasheet HTML 195Page - Texas Instruments AM6528ACD Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 284 page
background image
GPMC_FCLK
GPMC_CLK
GPMC_CSn[x]
GPMC_A[MSB:1]
GPMC_BE0n_CLE
GPMC_BE1n
GPMC_ADVn_ALE
GPMC_OEn_REn
GPMC_AD[15:0]
GPMC_WAIT[x]
Add0
Add1
Add2
Add3
Add4
D0
D1
D2
D3
D3
FA1
FA0
FA18
FA13
FA12
FA0
FA9
FA10
FA10
FA21
FA20
FA20
FA20
GPMC_08
A.
In GPMC_CSn[x], x is equal to 0, 1, 2 or 3. In GPMC_WAIT[x], x is equal to 0 or 1.
B.
FA21 parameter illustrates amount of time required to internally sample first input page data. It is expressed in number of GPMC
functional clock cycles. From start of read cycle and after FA21 functional clock cycles, first input page data will be internally sampled by
active functional clock edge. FA21 calculation must be stored inside AccessTime register bits field.
C.
FA20 parameter illustrates amount of time required to internally sample successive input page data. It is expressed in number of GPMC
functional clock cycles. After each access to input page data, next input page data will be internally sampled by active functional clock
edge after FA20 functional clock cycles. FA20 is also the duration of address phases for successive input page data (excluding first
input page data). FA20 value must be stored in PageBurstAccessTime register bits field.
D.
GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally.
Figure 7-55. GPMC and NOR Flash—Asynchronous Read—Page Mode 4x16-Bit
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
192
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com