Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 196 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 196 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 192Page - Texas Instruments AM6528ACD Datasheet HTML 193Page - Texas Instruments AM6528ACD Datasheet HTML 194Page - Texas Instruments AM6528ACD Datasheet HTML 195Page - Texas Instruments AM6528ACD Datasheet HTML 196Page - Texas Instruments AM6528ACD Datasheet HTML 197Page - Texas Instruments AM6528ACD Datasheet HTML 198Page - Texas Instruments AM6528ACD Datasheet HTML 199Page - Texas Instruments AM6528ACD Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 284 page
background image
7.9.5.10.3 GPMC and NAND Flash—Asynchronous Mode
Section 7.9.5.10.3.1 and Section 7.9.5.10.3.2 assume testing over the recommended operating conditions and
electrical characteristic conditions below (see Figure 7-59 through Figure 7-62).
7.9.5.10.3.1 GPMC and NAND Flash Timing Requirements—Asynchronous Mode
NO.
PARAMETER
DESCRIPTION
MODE(4)
MIN
MAX UNIT
GNF12(1) tacc(d)
Access time, input data GPMC_AD[15:0] (3)
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
J (2)
ns
(1)
The GNF12 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC
functional clock cycles. From start of the read cycle and after GNF12 functional clock cycles, input data is internally sampled by the
active functional clock edge. The GNF12 value must be stored inside AccessTime register bit field.
(2)
J = AccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(3)
(3)
GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
(4)
For div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 0h:
–
GPMC_CLK frequency = GPMC_FCLK frequency
For GPMC_FCLK_MUX_133:
•
gpmc_fclk_sel[1:0] = 00 = CPSWHSDIV_CLKOUT3 = 2000/15 = 133.33 MHz
For TIMEPARAGRANULARITY_X1:
•
GPMC_CONFIG1_i Register: TIMEPARAGRANULARITY = 0h = x1 latencies (affecting RD/WRCYCLETIME, RD/
WRACCESSTIME, PAGEBURSTACCESSTIME, CSONTIME, CSRD/WROFFTIME, ADVONTIME, ADVRD/WROFFTIME,
OEONTIME, OEOFFTIME, WEONTIME, WEOFFTIME, CYCLE2CYCLEDELAY, BUSTURNAROUND, TIMEOUTSTARTVALUE,
WRDATAONADMUXBUS)
7.9.5.10.3.2 GPMC and NAND Flash Switching Characteristics—Asynchronous Mode
NO.
PARAMETER
MODE(15)
MIN
MAX UNIT
tR(d)
Rise time, output data GPMC_AD[15:0]
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
2
ns
tF(d)
Fall time, output data GPMC_AD[15:0]
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
2
ns
GNF0
tw(wenV)
Pulse duration, output write enable GPMC_WEn
valid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
0+A (1)
ns
GNF1
td(csnV-wenV)
Delay time, output chip select GPMC_CSn[x](13)
valid to output write enable GPMC_WEn valid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+B (2)
2+B (2)
ns
GNF2
tw(cleH-wenV)
Delay time, output lower-byte enable and
command latch enable GPMC_BE0n_CLE high
to output write enable GPMC_WEn valid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+C (3)
2+C (3)
ns
GNF3
tw(wenV-dV)
Delay time, output data GPMC_AD[15:0] valid to
output write enable GPMC_WEn valid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+D (4) 2.8+D (4)
ns
GNF4
tw(wenIV-dIV)
Delay time, output write enable GPMC_WEn
invalid to output data GPMC_AD[15:0] invalid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+E (5) 2.8+E (5)
ns
GNF5
tw(wenIV-cleIV)
Delay time, output write enable GPMC_WEn
invalid to output lower-byte enable and command
latch enable GPMC_BE0n_CLE invalid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+F (6)
2+F (6)
ns
GNF6
tw(wenIV-csnIV)
Delay time, output write enable GPMC_WEn
invalid to output chip select GPMC_CSn[x](13)
invalid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+G (7)
2+G (7)
ns
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
196
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com