Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 200 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 200 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 196Page - Texas Instruments AM6528ACD Datasheet HTML 197Page - Texas Instruments AM6528ACD Datasheet HTML 198Page - Texas Instruments AM6528ACD Datasheet HTML 199Page - Texas Instruments AM6528ACD Datasheet HTML 200Page - Texas Instruments AM6528ACD Datasheet HTML 201Page - Texas Instruments AM6528ACD Datasheet HTML 202Page - Texas Instruments AM6528ACD Datasheet HTML 203Page - Texas Instruments AM6528ACD Datasheet HTML 204Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 284 page
background image
Table 7-40 presents timing conditions for HyperBus.
Table 7-40. HyperBus Timing Conditions
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
2
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1.5
10
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Mismatch
Delay)
Propagation delay mismatch between
traces
CK and CKn;
RWDS and DQ[7:0]
10
ps
CK/CKn and RWDS;
CK/CKn and CSn
260
ps
CK/CKn and DQ[7:0]
80
ps
RESETn and CSn[1:0]
340
ps
7.9.5.11.1 Timing Requirements for HyperBus Initialization
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
D1
tw(RESETn)
RESETn Pulse Width
200
ns
D2
tw(csnL)
Chip Select Pulse Width
1000
ns
D3
td(RESETnH-csnL)
Delay time, RESETn inactive to CSn active
200.34
ns
D4
td(csnL-RWDSL)
Delay time, CSn active to RWDS falling
166 MHz
186
ns
100 MHz
182
ns
D5
tskn(rwdsX-dV)
Input skew, RWDS transitioning to D0:D7 valid
166 MHz
-0.46
0.46
ns
LFD5
100 MHz
-0.81
0.81
ns
7.9.5.11.2 HyperBus 166 MHz Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
D6
tc(clk/clkn)
CLK period, CLK/CLKn
6
ns
D7
tw(clk/clkn)
Pulse width, CLK/CLKn
2.7
ns
D8
tw(csIV)
Pulse width, CS0 invalid between operations
6
ns
D9
td(clkH-csL)
Delay time, CS0 active to CLK rising/ CLKn falling
-3.34
ns
D10
td(clkL[LE]-csH)
Delay time, last falling CLK/ rising CLKn edge to CS0 inactive
0.34
ns
D11
td(clkX-rwdsV)
Delay time, CLK transition to RWDS valid
0.94
2.08
ns
D12
td(clkX-d[0:7]V)
Delay time, CLK transitioning to D0:7 valid
0.76
2.26
ns
7.9.5.11.3 HyperBus 100 MHz Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
LFD6
tc(clk)
CLK period, CLK
10
ns
LFD7
tw(clk)
Pulse width, CLK
4.5
ns
LFD8
tw(csIV)
Pulse width, CS0 invalid between operations
10
ns
LFD9
td(clkH-csL)
Delay time, CS0 active to CLK rising
-3.39
ns
LFD10
td(clkL[LE]-csH)
Delay time, last falling CLK edge to CS0 inactive
0.39
ns
LFD11
td(clkX-rwdsV)
Delay time, CLK transition to RWDS valid
1.39
3.62
ns
LFD12
td(clkX-d[0:7]V)
Delay time, CLK transitioning to D0:7 valid
1.21
3.8
ns
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
200
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com