Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 135 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 135 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 131Page - Texas Instruments AM6526ACD Datasheet HTML 132Page - Texas Instruments AM6526ACD Datasheet HTML 133Page - Texas Instruments AM6526ACD Datasheet HTML 134Page - Texas Instruments AM6526ACD Datasheet HTML 135Page - Texas Instruments AM6526ACD Datasheet HTML 136Page - Texas Instruments AM6526ACD Datasheet HTML 137Page - Texas Instruments AM6526ACD Datasheet HTML 138Page - Texas Instruments AM6526ACD Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 284 page
background image
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SFDR
Spurious Free Dynamic Range
Input Signal: 200 kHz sine
wave at -0.5 dB Full
Scale, MCU_ADC0/1_REFP
= VDDA_MCU_ADC0/1,
MCU_ADC0/1_REFN = VSS
80
dB
SNR(PLUS)
Signal-to-Noise Plus Distortion
Input Signal: 200 kHz sine
wave at -0.5 dB Full
Scale, MCU_ADC0/1_REFP
= VDDA_MCU_ADC0/1,
MCU_ADC0/1_REFN = VSS
69
dB
Rstatic(MCU_ADC0/1_REFP,
MCU_ADC0/1_REFN)
Static Input Impedance of
MCU_ADC0/1_REFP relative to
MCU_ADC0/1_REFN
2.2
kΩ
Rdynamic(MCU_ADC0/1_REFP,
MCU_ADC0/1_REFN)
Dynamic Input Impedance of
MCU_ADC0/1_REFP relative to
MCU_ADC0/1_REFN
[1/((65.97 × 10-12) ×
fSMPL_CLK)]
(1)
Ω
RMCU_ADC0/1_AIN[0:7]
Input Impedance of
MCU_ADC0/1_AIN[7:0]
f = input frequency
[1/((65.97 × 10-12) ×
fSMPL_CLK)]
Ω
IIN
ADC0 Input Leakage
MCU_ADC0_AIN[7:0] = VSS
-23
μA
MCU_ADC0_AIN[7:0] =
VDDA_MCU_ADC0
27
μA
IIN
ADC1 Input Leakage
MCU_ADC1_AIN[7:0] = VSS
-126
μA
MCU_ADC1_AIN[7:0] =
VDDA_MCU_ADC1
572
μA
Sampling Dynamics
FSMPL_CLK
SMPL_CLK Frequency
60
MHz
tC
Conversion Time
13
ADC0/1 SMPL_CLK
Cycles
tACQ
Acquisition time
2
257 ADC0/1 SMPL_CLK
Cycles
TR
Sampling Rate
ADC0/1 SMPL_CLK = 60 MHz
4
MSPS
CCISO
Channel to Channel Isolation
100
dB
(1)
The MCU_ADC0/1_REFP and MCU_ADC0/1_REFN source impedance should be ≤ to 1/10 × (Rdynamic(MCU_ADC0/1_REFP, MCU_ADC0/1_REFN)). For example, for a 60 MHz clock, this source
should be ≤ to 25 Ω on each reference input.
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
135
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com