Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 137 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 137 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 133Page - Texas Instruments AM6526ACD Datasheet HTML 134Page - Texas Instruments AM6526ACD Datasheet HTML 135Page - Texas Instruments AM6526ACD Datasheet HTML 136Page - Texas Instruments AM6526ACD Datasheet HTML 137Page - Texas Instruments AM6526ACD Datasheet HTML 138Page - Texas Instruments AM6526ACD Datasheet HTML 139Page - Texas Instruments AM6526ACD Datasheet HTML 140Page - Texas Instruments AM6526ACD Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 284 page
background image
7.6.5.1 LVCMOS Buffers DC Electrical Characteristics
over recommended operating conditions (unless otherwise noted)(1)
PARAMETER
SPECIFIC BALL
MIN
TYP
MAX UNI
T
BALL NAMES: ALL LVCMOS IOs as defined in Table 6-1, Pin Attributes except those listed in Section 7.6.5.1, LVCMOS Buffers DC
Electrical Characteristics
BALL NUMBERS: ALL LVCMOS IOs as defined in Table 6-1, Pin Attributes except those listed in Section 7.6.5.1, LVCMOS Buffers DC
Electrical Characteristics
1.8-V MODE
VIH
Input high-level threshold
TCK (AA4)
0.60 × VDDS(1)
V
All other IOs
0.65 × VDDS(1)
VIL
Input low-level threshold
TCK (AA4)
0.30 ×
VDDS(1)
V
All other IOs
0.35 ×
VDDS(1)
VIHSS
Input high-level Steady State
0.75 × VDDS(1)
V
VILSS
Input low-level Steady State
0.35 ×
VDDS(1)
V
VHYS
Input hysteresis voltage
TCK (AA4)
400
mV
PORz (E19),
MCU_PORz (W5),
MCU_BYP_POR (V5)
50
All other IOs
100
VOH
Output high-level threshold
IOH = 100µA
VDDS(1) - 0.1
V
IOH = 2mA
VDDS(1) - 0.2
IOH = 4mA
VDDS(1) - 0.3
IOH = 6mA
VDDS(1) - 0.4
VOL
Output low-level threshold
IOL = 100µA
0.1
V
IOL = 2mA
0.2
IOL = 4mA
0.3
IOL = 6mA
0.4
IIN
Input leakage current, pull-up or pull-down
inhibited
11.5 µA
Input leakage current, pull-down enabled, VI =
VDDS
(1)
65
96
153
Input leakage current, pull-up enabled, VI = VSS
64
97
154
IOZ
Total leakage current through the driver/receiver
combination, which may include an internal
pull-up or pull-down. This value represents the
maximum current flowing in or out of the pin
while the output driver is disabled, the pull-up
or pull-down is inhibited, and the input is swept
from VSS to VDD.
11.5 µA
3.3-V MODE
VIH
Input high-level threshold
TCK (AA4)
2
V
MMC0_*, MMC1_*
0.625 *
VDDSHVn
All other IOs
2
VIL
Input low-level threshold
TCK (AA4)
0.7
V
MMC0_*, MMC1_*
0.25 *
VDDSHVn
All other IOs
0.8
VIHSS
Input high-level Steady State
2.00
V
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
137
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com