Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 228 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 228 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 224Page - Texas Instruments AM6526ACD Datasheet HTML 225Page - Texas Instruments AM6526ACD Datasheet HTML 226Page - Texas Instruments AM6526ACD Datasheet HTML 227Page - Texas Instruments AM6526ACD Datasheet HTML 228Page - Texas Instruments AM6526ACD Datasheet HTML 229Page - Texas Instruments AM6526ACD Datasheet HTML 230Page - Texas Instruments AM6526ACD Datasheet HTML 231Page - Texas Instruments AM6526ACD Datasheet HTML 232Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 284 page
background image
bit 1
bit 0
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
OLDI3
OLDI0_CLKP/N
OLDI0_AxP/N
t
TPP0
t
TPP1
t
TPP2
t
TPP3
t
TPP4
t
TPP5
t
TPP6
1UI
2UI
3UI
4UI
5UI
6UI
7UI
OLDI6
OLDI5
A.
x in OLDI0_AxP/N = [3:0]
Figure 7-91. OLDI Output Pulse Positions
DATA_TOL
V
TH
V
TL
0V
Ideal Data
Bit End
DATA_TOL
Ideal Data
Bit Beginning
Sampling
Window
Ideal Center Position (t /2)
BIT
OLDI4
OLDI0_AxP/N
Left
Right
A.
OLDI9 = DATA_TOL (Left+Right)
B.
x in OLDI0_AxP/N = [3:0]
Figure 7-92. OLDI Data Output Jitter
0V
+VOD
-VOD
VSS = 2 VOD
|
|
80%
80%
20%
20%
OLDI1
OLDI2
OLDI0_CLKP/N,
OLDI0_AxP/N
A.
x in OLDI0_AxP/N = [3:0]
Figure 7-93. LVDS Output Transition Times
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
228
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com