Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 230 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 230 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 226Page - Texas Instruments AM6526ACD Datasheet HTML 227Page - Texas Instruments AM6526ACD Datasheet HTML 228Page - Texas Instruments AM6526ACD Datasheet HTML 229Page - Texas Instruments AM6526ACD Datasheet HTML 230Page - Texas Instruments AM6526ACD Datasheet HTML 231Page - Texas Instruments AM6526ACD Datasheet HTML 232Page - Texas Instruments AM6526ACD Datasheet HTML 233Page - Texas Instruments AM6526ACD Datasheet HTML 234Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 284 page
background image
7.9.5.20 PCIE
The PCI-Express Subsystem is compliant with the PCI Express Base Specification, revision 3.1. Refer to the
specification for timing details.
For more details about features and additional description information on the device Peripheral Component
Interconnect Express, see the corresponding sections within Section 6.3, Signal Descriptions and Section 8,
Detailed Description.
7.9.5.21 PRU_ICSSG
The device has integrated three identical PRU_ICSSG subsystems (PRU_ICSSG0, PRU_ICSSG1 and
PRU_ICSSG2). The programmable nature of the PRU cores, along with their access to pins, events and
all device resources, provides flexibility in implementing fast real-time responses, specialized data handling
operations, custom peripheral interfaces, and in offloading tasks from the other processor cores of the device.
For more details about features and additional description information on the device Programmable Real-Time
Unit Subsystem and Industrial Communication Subsystem - Gigabit, see the corresponding sections within
Section 6.3, Signal Descriptions and Section 8, Detailed Description.
7.9.5.21.1 Programmable Real-Time Unit (PRU_ICSSG PRU)
Note
The PRU_ICSSG PRU signals have different functionality depending on the mode of operation. The
signal naming in this section matches the naming used in the PRU Module Interface section in the
device TRM.
Table 7-70 presents the PRU timing conditions.
Table 7-70. PRU_ICSSG PRU Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
1.5
3
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
30
pF
7.9.5.21.1.1 PRU_ICSSG PRU Direct Input/Output Mode Electrical Data and Timing
7.9.5.21.1.1.1 PRU_ICSSG PRU Switching Characteristics - Direct Output Mode
NO.
PARAMETER
MIN
MAX
UNIT
PRDO1
tsk(GPO-GPO)
Skew, GPO to GPO
4
ns
GPO[n:0]
PRDO1
SPRS91x_TIMING_PRU_02
Figure 7-95. PRU_ICSSG PRU Direct Output Timing
A.
n in GPO[n:0] = 19.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
230
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com