Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 240 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 240 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 236Page - Texas Instruments AM6526ACD Datasheet HTML 237Page - Texas Instruments AM6526ACD Datasheet HTML 238Page - Texas Instruments AM6526ACD Datasheet HTML 239Page - Texas Instruments AM6526ACD Datasheet HTML 240Page - Texas Instruments AM6526ACD Datasheet HTML 241Page - Texas Instruments AM6526ACD Datasheet HTML 242Page - Texas Instruments AM6526ACD Datasheet HTML 243Page - Texas Instruments AM6526ACD Datasheet HTML 244Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 284 page
background image
NO.
MODE
MIN
MAX
UNIT
PRRG2
tw(RXCH)
Pulse duration, RXC high
10 Mbps
160
240
ns
100 Mbps
16
24
ns
1000 Mbps
3.6
4.4
ns
PRRG3
tw(RXCL)
Pulse duration, RXC low
10 Mbps
160
240
ns
100 Mbps
16
24
ns
1000 Mbps
3.6
4.4
ns
RGMII_RXC
PRRG2
PRRG3
PRRG1
SPRS91x_TIMING_PRU_RGMII_RT_04
PRRG4
Figure 7-114. PRU_ICSSG RGMII_RCLK Timing Requirements
7.9.5.21.6.2.2 PRU_ICSSG RGMII Timing Requirements - RGMII_RD[3:0] and RGMII_RX_CTL
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
PRRG5
tsu(RD-RXC)
Setup time, RD[3:0] valid before RXC high/low
10 Mbps
100 Mbps
1000 Mbps
1
ns
tsu(RX_CTL-RXC)
Setup time, RX_CTL valid before RXC high/low
10 Mbps
100 Mbps
1000 Mbps
1
ns
PRRG6
th(RXC-RD)
Hold time, RD[3:0] valid after RXC high/low
10 Mbps
100 Mbps
1000 Mbps
1.15
ns
th(RXC-RX_CTL)
Hold time, RX_CTL valid after RXC high/low
10 Mbps
100 Mbps
1000 Mbps
1.15
ns
SPRS91x_TIMING_PRU_RGMII_RT_05
RGMII_RXCLK (Input)
PRPG5
PRPG6
RGMII_RXD[3:0],
RGMII_RXDV,
RGMII_RXER (Inputs)
PRPG7
Figure 7-115. PRU_ICSSG RGMII_RD[3:0] and RGMII_RX_CTL Timing Requirements
7.9.5.21.6.2.3 PRU_ICSSG RGMII Switching Characteristics - RGMII_TXC
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
PRRG8
tc(TXC)
Cycle time, TXC
10 Mbps
360
440
ns
100 Mbps
36
44
ns
1000 Mbps
7.2
8.8
ns
PRRG9
tw(TXCH)
Pulse duration, TXC high
10 Mbps
160
240
ns
100 Mbps
16
24
ns
1000 Mbps
3.6
4.4
ns
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
240
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com