Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 242 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 242 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 238Page - Texas Instruments AM6526ACD Datasheet HTML 239Page - Texas Instruments AM6526ACD Datasheet HTML 240Page - Texas Instruments AM6526ACD Datasheet HTML 241Page - Texas Instruments AM6526ACD Datasheet HTML 242Page - Texas Instruments AM6526ACD Datasheet HTML 243Page - Texas Instruments AM6526ACD Datasheet HTML 244Page - Texas Instruments AM6526ACD Datasheet HTML 245Page - Texas Instruments AM6526ACD Datasheet HTML 246Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 284 page
background image
7.9.5.21.6.3 PRU_ICSSG MII_RT Electrical Data and Timing
Note
The PRU_ICSSG are contains a second layer of multiplexing to enable additional functionality
(including MII functionality) on the PRU GPO and GPI signals. This internal wrapper multiplexing is
described in the Programmable Real-Time Unit Subsystem and Industrial Communication Subsystem
- Gigabit (PRU_ICSSG) section in Peripherals chapter in the device TRM.
Note
In order to ensure the MII_G_RT I/O timing values published in the device data sheet, the
PRU_ICSSG ICSSGn_CORE_CLK (where n = 0 to 2) core clock must be configured for 200 MHz,
225 MHz, or 250 MHz and the TX_CLK_DELAYn (where n = 0 or 1) bit field in the ICSSG_TXCFG0/1
register must be set to 0h (default value).
Table 7-77 presents PRU_ICSSG MII timing conditions.
Table 7-77. PRU_ICSSG MII Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.9
3.6
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
20
pF
7.9.5.21.6.3.1 PRU_ICSSG MII_RT Timing Requirements – MII_RX_CLK
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
PMIR1 tc(RX_CLK)
Cycle time, RX_CLK
10 Mbps
399.96
400.04
ns
100 Mbps
39.996
40.004
ns
PMIR2 tw(RX_CLKH)
Pulse Duration, RX_CLK High
10 Mbps
140
260
ns
100 Mbps
14
26
ns
PMIR3 tw(RX_CLKL)
Pulse Duration, RX_CLK Low
10 Mbps
140
260
ns
100 Mbps
14
26
ns
MII_RXCLK
PMIR2
PMIR3
PMIR1
SPRS91x_TIMING_PRU_MII_RT_04
Figure 7-118. PRU_ICSSG MII_RXCLK Timing
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
242
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com