Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6526ACD Datasheet(PDF) 245 Page - Texas Instruments

Part # AM6526ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6526ACD Datasheet(HTML) 245 Page - Texas Instruments

Back Button AM6526ACD Datasheet HTML 241Page - Texas Instruments AM6526ACD Datasheet HTML 242Page - Texas Instruments AM6526ACD Datasheet HTML 243Page - Texas Instruments AM6526ACD Datasheet HTML 244Page - Texas Instruments AM6526ACD Datasheet HTML 245Page - Texas Instruments AM6526ACD Datasheet HTML 246Page - Texas Instruments AM6526ACD Datasheet HTML 247Page - Texas Instruments AM6526ACD Datasheet HTML 248Page - Texas Instruments AM6526ACD Datasheet HTML 249Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 284 page
background image
7.9.5.23 UART
For more details about features and additional description information on the device Universal Asynchronous
Receiver Transmitter, see the corresponding sections within Section 6.3, Signal Descriptions and Section 8,
Detailed Description.
Section 7.9.5.23.1, Section 7.9.5.23.2, and Figure 7-123 present Timing Requirements and Switching
Characteristics for UART interface.
7.9.5.23.1 Timing Requirements for UART
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
4
tw(RX)
Pulse width, receive data bit, 15/30 pF high or low
0.95U
(1)
1.05U
(1)
ns
5
tw(CTS)
Pulse width, receive start bit, 15/30 pF high or low
0.95U
(1)
1.05U
(1)
ns
td(RTS-TX)
Delay time, transmit start bit to transmit data
P
(2)
ns
td(CTS-TX)
Delay time, receive start bit to transmit data
P
(2)
ns
(1)
U = UART baud time = 1/Programmed baud rate
(2)
P = Clock period of the reference clock (FCLK, usually 48 MHz or 192 MHz)
7.9.5.23.2 Switching Characteristics Over Recommended Operating Conditions for UART
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
f(baud)
Maximum programmable baud rate
15 pF
12
MHz
30 pF
0.115
2
tw(TX)
Pulse width, transmit data bit, 15/30 pF high or low
U - 2
(1)
U + 2
(1)
ns
3
tw(RTS)
Pulse width, transmit start bit, 15/30 pF high or low
U - 2
(1)
U + 2
(1)
ns
(1)
U = UART baud time = 1/Programmed baud rate
3
2
Start
Bit
Data Bits
UART _TXD
i
5
Data Bits
Bit
Start
4
UART _RXD
i
Figure 7-123. UART Timing
For more information, see section Universal Asynchronous Receiver/Transmitter (UART) in the device TRM.
7.9.5.24 USB
The USB 2.0 subsystem is compliant with the Universal Serial Bus (USB) Specification, revision 2.0. Refer to the
specification for timing details.
The USB 3.1 GEN1 Dual-Role Device Subsystem is compliant with the Universal Serial Bus (USB) 3.1
Specification, revision 1.0. Refer to the specification for timing details.
For more details about features and additional description information on the device Universal Serial Bus
Subsystem (USB), see the corresponding sections within Section 6.3, Signal Descriptions and Section 8,
Detailed Description.
For more information, see the Universal Serial Bus (USB) Subsystem section in the device TRM.
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
245
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com