Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ200G Datasheet(PDF) 45 Page - STMicroelectronics

Part # L99DZ200G
Description  Automotive front door device with LIN and CAN providing dual H-bridge driving
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ200G Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L99DZ200G Datasheet HTML 41Page - STMicroelectronics L99DZ200G Datasheet HTML 42Page - STMicroelectronics L99DZ200G Datasheet HTML 43Page - STMicroelectronics L99DZ200G Datasheet HTML 44Page - STMicroelectronics L99DZ200G Datasheet HTML 45Page - STMicroelectronics L99DZ200G Datasheet HTML 46Page - STMicroelectronics L99DZ200G Datasheet HTML 47Page - STMicroelectronics L99DZ200G Datasheet HTML 48Page - STMicroelectronics L99DZ200G Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 198 page
background image
DS13220 Rev 5
45/198
L99DZ200G
Electrical specifications
197
3.4.16
Drain source monitoring external H-bridges
The voltages are referred to power ground and currents are assumed positive, when the
current flows into the pin. 6 V ≤ VS ≤ 28 V; 6 V ≤ VSREG ≤ 28 V; Tj = -40°C to 150 °C, unless
otherwise specified.
3.4.17
Drain source monitoring external heater MOSFET
The voltages are referred to power ground and currents are assumed positive, when the
current flows into the pin. 6 V ≤ VS ≤ 28 V; 6 V ≤ VSREG ≤ 28 V; Tj = -40 °C to 150 °C, unless
otherwise specified.
Table 23. Drain source monitoring external H-bridge
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.110
VSCd1_HB
Drain-source threshold voltage
0.375
0,5
0.625
V
A.111
VSCd2_HB
Drain-source threshold voltage
0.6
0,75
0.9
V
A.112
VSCd3_HB
Drain-source threshold voltage
0,85
1
1,15
V
A.113
VSCd4_HB
Drain-source threshold voltage
1,06
1,25
1,43
V
A.114
VSCd5_HB
Drain-source threshold voltage
1,27
1,5
1,73
V
A.115
VSCd6_HB
Drain-source threshold voltage
1,49
1,75
2,01
V
A.116
VSCd7_HB
Drain-source threshold voltage
1,7
2
2,3
V
A.117
tSCd_HB
Drain-source monitor filter time
Tested by scan
6
µs
A.118
tscs_HB
Drain-source comparator settling
time
VS = 13.5 V;
VSH = jump from
GND to VS
5µs
Table 24. Drain source monitoring external heater MOSFET
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.119
VSCd1_HE
Drain-source threshold voltage
160
200
250
mV
A.120
VSCd2_HE
Drain-source threshold voltage
200
250
305
mV
A.121
VSCd3_HE
Drain-source threshold voltage
240
300
360
mV
A.122
VSCd4_HE
Drain-source threshold voltage
280
350
420
mV
A.123
VSCd5_HE
Drain-source threshold voltage
320
400
480
mV
A.124
VSCd6_HE
Drain-source threshold voltage
360
450
540
mV
A.125
VSCd7_HE
Drain-source threshold voltage
400
500
600
mV
A.126
VSCd8_HE
Drain-source threshold voltage
440
550
660
mV
A.127
tSCd_HE
Drain-source monitor filter
time
Tested by scan
6
µs
A.128
tscs_HE
Drain-source comparator
settling time
VS = 13.5 V; VSH = jump
from GND to VS
5µs
A.129
tscbl_HE
Drain-source monitoring
blanking time
Tested by scan
8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com