Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ200G Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99DZ200G
Description  Automotive front door device with LIN and CAN providing dual H-bridge driving
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ200G Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99DZ200G Datasheet HTML 24Page - STMicroelectronics L99DZ200G Datasheet HTML 25Page - STMicroelectronics L99DZ200G Datasheet HTML 26Page - STMicroelectronics L99DZ200G Datasheet HTML 27Page - STMicroelectronics L99DZ200G Datasheet HTML 28Page - STMicroelectronics L99DZ200G Datasheet HTML 29Page - STMicroelectronics L99DZ200G Datasheet HTML 30Page - STMicroelectronics L99DZ200G Datasheet HTML 31Page - STMicroelectronics L99DZ200G Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 198 page
background image
Electrical specifications
L99DZ200G
28/198
DS13220 Rev 5
Figure 6. Voltage regulator V1 characteristics (quiescent current and accuracy)
1. The 0.1% reported in the slope is Typical value.
3.4.5
Voltage regulator V2
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 4.5 V ≤ VS ≤ 28 V; 4.5 V ≤ VSREG ≤ 28 V; Tj = -40 °C to 150 °C, unless
otherwise specified.
In case the V2 regulator works as a classical voltage regulator (default case), the electrical
specifications are reported in Table 11; in case V2 is configured to work as voltage tracker of
V1, the electrical specifications are reported in Table 12.
High accuracy
(V1 = 5V ± 2%)
V1stdby / WD off
Active mode / WD on
High accuracy
(V1 = 5V ± 2%)
V1stdby / WD on
Active mode / WD on
Iq
Iq0
ICMP
I
LOAD
Slope
= 0.1% * I LOAD
(1)
Table 11. Voltage Regulator V2
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
C.024
V2
Output voltage
VSREG = 13.5 V
5.0
V
C.025
V2_1mA
Output voltage
tolerance (0 to 1 mA)
ILOAD = 1 mA; VSREG = 13.5 V
-6.5
6.5
%
C.026
V2_25mA
Output voltage
tolerance (1 to 25 mA)
ILOAD = 25 mA; VSREG = 13.5 V
-3
3
%
C.027
V2_50mA
Output voltage
tolerance (25 to 50
mA)
ILOAD = 50 mA; VSREG = 13.5 V
-4
4
%
C.028
V2_100mA
Output voltage
tolerance (50 to
100 mA)
ILOAD = 100 mA; VSREG = 13.5 V
-4
4
%
C.029
VDP2
Drop-out voltage
ILOAD = 25 mA; VSREG = 5.25 V
0.3
0.4
V
C.030
ILOAD = 50 mA; VSREG = 5.25 V
0.4
0.8
V
C.031
ILOAD = 100 mA; VSREG = 13.5 V
1
1.6
V
C.032
ICC2
Output current in Active
mode
Max. continuous load current
100
mA
C.033
ICCmax2
Short circuit output
current
Current limitation
100
150
250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com