Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ200G Datasheet(PDF) 47 Page - STMicroelectronics

Part # L99DZ200G
Description  Automotive front door device with LIN and CAN providing dual H-bridge driving
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ200G Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L99DZ200G Datasheet HTML 43Page - STMicroelectronics L99DZ200G Datasheet HTML 44Page - STMicroelectronics L99DZ200G Datasheet HTML 45Page - STMicroelectronics L99DZ200G Datasheet HTML 46Page - STMicroelectronics L99DZ200G Datasheet HTML 47Page - STMicroelectronics L99DZ200G Datasheet HTML 48Page - STMicroelectronics L99DZ200G Datasheet HTML 49Page - STMicroelectronics L99DZ200G Datasheet HTML 50Page - STMicroelectronics L99DZ200G Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 198 page
background image
DS13220 Rev 5
47/198
L99DZ200G
Electrical specifications
197
3.4.21
Fail safe low-side switch
The voltages are referred to power ground and currents are assumed positive, when the
current flows into the pin. 6 V ≤ VS ≤ 18 V; Tj = 40 °C to 150 °C, unless otherwise specified.
Table 27. Electro-chrome mirror driver
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.138
VCTRLmax
Maximum EC-control
voltage
ECV_HV (Config Reg) = 1(1)
1.4
1.6
V
A.139
ECV_HV (Config Reg) = 0(1)
1.12
1.28
V
A.140
DNLECV
Differential Non Linearity
-2
2
LSB(2)
A.141
IdVECVI
Voltage deviation
between target and ECV
dVECV =Vtarget(3) -VECV;
IIECDRI < 1 µA
-5% -
1LSB(2)
+5% +
1LSB(2)
mV
A.142
dVECVnr
Difference voltage
between target and ECV
sets flag if VECV is below
it
dVECV = Vtarget(3) - VECV;
toggle bitx = 1; status reg. x
120
mV
A.143
dVECVhi
Difference voltage
between target and ECV
sets flag if VECV is
above it
dVECV = Vtarget(3) - VECV;
toggle bitx = 1; status reg. x
-135
mV
A.144
tFECVNR
ECVNR filter time
Tested by scan
32
µs
A.145
tFECVHI
ECVHI filter time
Tested by scan
32
µs
A.146
VECDRminHIGH
Output voltage range
IECDR = -10 µA
V1 -0.3
V
V1
V
A.147
VECDRmaxLOW
IECDR = 10 µA
0
0.7
V
A.148
IECDR
Current into ECDR
Vtarget(3) > VECV + 500 mV;
VECDR = 3.5 V
-100
-10
µA
A.149
Vtarget(3) < VECV - 500 mV;
VECDR = 1.0 V;
Vtarget = 0 V; VECV = 0.5 V
10
100
µA
A.150
Recdrdis
Pull-down resistance at
ECDR in fast discharge
mode and while EC-
mode is off
VECDR = 0.7 V; ECON = ‘1’,
EC<5:0> = 0 or ECON = ‘0’
10
kΩ
1. Bit ECV_HV (Config Reg) ='1' or ‘0’: ECV voltage, where IIECDR can change sign.
2. 1 LSB (Least Significant Bit) = 23.8 mV typ.
3. Vtarget is set by bits EC<5:0> (CR 11) and bit ECV_HV (Config Reg); tested for each individual bit.
Table 28. Fail safe low-side switch
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.151
VOUT_max
Max output voltage in
case of missing supply
IOUT = 1 mA;
VS = VSREG = 0 V
22.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com