Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ200G Datasheet(PDF) 53 Page - STMicroelectronics

Part # L99DZ200G
Description  Automotive front door device with LIN and CAN providing dual H-bridge driving
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ200G Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L99DZ200G Datasheet HTML 49Page - STMicroelectronics L99DZ200G Datasheet HTML 50Page - STMicroelectronics L99DZ200G Datasheet HTML 51Page - STMicroelectronics L99DZ200G Datasheet HTML 52Page - STMicroelectronics L99DZ200G Datasheet HTML 53Page - STMicroelectronics L99DZ200G Datasheet HTML 54Page - STMicroelectronics L99DZ200G Datasheet HTML 55Page - STMicroelectronics L99DZ200G Datasheet HTML 56Page - STMicroelectronics L99DZ200G Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 198 page
background image
DS13220 Rev 5
53/198
L99DZ200G
Electrical specifications
197
Note:
CAN Normal and Low Power mode, biasing active: Tested in TRX Ready and TRX BIAS
state while the device is in active and V1 Standby mode.
Table 40. CAN receiver input resistance biasing active
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
E.040
Rdiff
Differential internal
resistance
TRX Ready & TRX BIAS states;
VTXDC = VTXDCHIGH; no load
40
60
100
kΩ
E.041
RCANH,
CANL
Single ended
Internal resistance
TRX Ready & TRX BIAS states;
VTXDC = VTXDCHIGH; no load
20
30
50
kΩ
E.042
mR
InternalResistance
matching
RCANH,CANL
TRX Ready & TRX BIAS states;
VTXDC = VTXDCHIGH; no load; mR = 2
x (RCAN_H - RCAN_L) / (RCAN_H +
RCAN_L)
-0.03
0.03
E.043
Cin
Internal
capacitance
Guaranteed by design
50
pF
E.044
Cin,diff
Differential internal
capacitance
Guaranteed by design
10
20
pF
Table 41. CAN transceiver delay
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
E.045
tTXpd,hl
Loop delay TxD_C
to RxD_C (High to
Low)
RL = 60 Ω; CL = 100 pF; 30% VTXDC –
30% VRXDC;
TXDC fall time = 10 ns (90% - 10%);
CRXDC = 15 pF; fTXDC = 250 kHz
255
ns
E.046
tTXpd,lh
Loop delay TxD_C
to RxD_C (Low to
High)
RL = 60Ω; CL = 100pF; 70% VTXD –
70% VRXD;
TXDC rise time = 10 ns (10% - 90%);
CRXDC = 15 pF; fTXDC = 250 kHz
255
ns
E.047
TBitrec
Recessive Bit
symmetry
RL = 60 Ω; CL = 100 pF;
70% VTXDC (rising) - 30% VRXDC
(falling); CRXD = 15 pF; 10 ns (10% -
90%, 90% - 10%); Rectangular pulse
signal TTXDC = 6000 ns, high pulse
1000 ns, low pulse 5000 ns
765
1000
1255
ns
E.048
tCAN
CAN permanent
dominant time-out
Tested by scan
500
700
1000
μs
E.049
tWUP-V1(1)
Time between
WUP(2) on the
CAN bus until V1
goes active
Wake-Up according to
ISO11898- 5:2007;
70% VDIFF – 90% V1(min)
0
200
µs
1. Guaranteed by characterization.
2. Time starts with the end of last dominant phase of the WUP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com