Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ200G Datasheet(PDF) 94 Page - STMicroelectronics

Part # L99DZ200G
Description  Automotive front door device with LIN and CAN providing dual H-bridge driving
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ200G Datasheet(HTML) 94 Page - STMicroelectronics

Back Button L99DZ200G Datasheet HTML 90Page - STMicroelectronics L99DZ200G Datasheet HTML 91Page - STMicroelectronics L99DZ200G Datasheet HTML 92Page - STMicroelectronics L99DZ200G Datasheet HTML 93Page - STMicroelectronics L99DZ200G Datasheet HTML 94Page - STMicroelectronics L99DZ200G Datasheet HTML 95Page - STMicroelectronics L99DZ200G Datasheet HTML 96Page - STMicroelectronics L99DZ200G Datasheet HTML 97Page - STMicroelectronics L99DZ200G Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 198 page
background image
Application information
L99DZ200G
94/198
DS13220 Rev 5
Vs undervoltage
If the supply voltage VS drops below the under voltage threshold voltage (VSUV):
LIN remains enabled
CAN remains enabled
OUT1 to OUT14 are turned off (default).
The shutdown of outputs may be disabled by SPI (VS_UV_SD_EN (CR 3) = 0)
H-bridge drivers A and B are turned off (default). The shutdown of H-bridge drivers may
be disabled by SPI (VS_UV_SD_EN (CR 3) = 0)
Heater MOSFET gate driver is switched into sink condition
ECV is switched in high impedance state and ECDR is discharged by RECDRDIS (to
ensure the gate of the external MOSFET is discharged => EC mode considered as off)
Recovery of outputs and H-bridge drivers after undervoltage condition is configurable by
SPI:
–
VS_LOCK_EN (CR 3) = 1: outputs and H-bridge drivers are off until Read&Clear
VS_UV (SR 2).
–
VS_LOCK_EN (CR 3) = 0: outputs and H-bridge drivers turned on automatically after
VS undervoltage condition has recovered.
The undervoltage bit VS_UV (SR 2) is set and can be cleared with a ‘Read&Clear’
command. The undervoltage bit is removed automatically if VS_LOCK_EN (CR 3) = 0
and the undervoltage condition has recovered.
4.12.2
Vsreg supply failure
Vsreg Overvoltage
If the supply voltages VSREG reaches the overvoltage threshold VSREG_OV:
LIN transmitter is switched to high impedance
CAN remains enabled
OUT15 is turned off (default).
The shutdown of outputs may be disabled by SPI (VSREG_OV_SD_EN (CR 3) = 0)
Recovery of outputs after overvoltage condition is configurable by SPI:
–
VSREG_LOCK_EN (CR 3) = 1: outputs are off until Read&Clear VSREG_OV (SR
2).
–
VSREG_LOCK_EN (CR 3) = 0: outputs turned on automatically after VSREG
overvoltage condition has recovered.
The overvoltage bit VSREG_OV (SR 2) is set and can be cleared with a ‘Read&Clear’
command. The overvoltage bit is reset automatically if VSREG_LOCK_EN (CR 3) = 0
and the overvoltage condition has recovered.
Vsreg Undervoltage
If the supply voltage VSREG drops below the under voltage threshold voltage (VSREG_UV):
LIN transmitter is switched to high impedance
CAN remains enabled
OUT15 is turned off (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com